Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25B32-75VIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25B32-75VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32-75VIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25B32-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN25B32
Rev. C, Issue Date: 2007/06/21
31
64
1B0000h – 1BFFFFh
30
64
1A0000h – 1AFFFFh
29
64
190000h – 19FFFFh
28
64
180000h – 18FFFFh
27
64
170000h – 17FFFFh
26
64
160000h – 16FFFFh
25
64
150000h – 15FFFFh
24
64
140000h – 14FFFFh
23
64
130000h – 13FFFFh
22
64
120000h – 12FFFFh
21
64
110000h – 11FFFFh
20
64
100000h – 10FFFFh
19
64
0F0000h – 0FFFFFh
18
64
0E0000h – 0EFFFFh
17
64
0D0000h – 0DFFFFh
16
64
0C0000h – 0CFFFFh
15
64
0B0000h – 0BFFFFh
14
64
0A0000h – 0AFFFFh
13
64
090000h – 09FFFFh
12
64
080000h – 08FFFFh
11
64
070000h – 07FFFFh
10
64
060000h – 06FFFFh
9
64
050000h – 05FFFFh
8
64
040000h – 04FFFFh
7
64
030000h – 03FFFFh
6
64
020000h – 02FFFFh
5
64
010000h – 01FFFFh
4
32
008000h – 00FFFFh
3
16
004000h – 007FFFh
2
8
002000h – 003FFFh
1
4
001000h – 001FFFh
0
4
000000h – 000FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com