Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8690 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8690
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8690 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8690 Datasheet HTML 1Page - Monolithic Power Systems MP8690 Datasheet HTML 2Page - Monolithic Power Systems MP8690 Datasheet HTML 3Page - Monolithic Power Systems MP8690 Datasheet HTML 4Page - Monolithic Power Systems MP8690 Datasheet HTML 5Page - Monolithic Power Systems MP8690 Datasheet HTML 6Page - Monolithic Power Systems MP8690 Datasheet HTML 7Page - Monolithic Power Systems MP8690 Datasheet HTML 8Page - Monolithic Power Systems MP8690 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP86905
– INTELLI-PHASE SOLUTION W/ INTEGRATED MOSFETS AND DRIVERS
MP86905 Rev. 1.1
www.MonolithicPower.com
4
8/31/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VDRV = VDD = EN = 3.3V, TA = 25°C for typical value and TJ = -40°C to 125°C for max
and min values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IIN shutdown
IVIN Off
EN = low
40
μA
VIN under-voltage lockout
threshold rising
2.5
3.0
V
VIN under-voltage lockout
threshold hysteresis
540
600
660
mV
IVDRV quiescent current
EN = low
15
μA
PWM = low
80
μA
IVDD quiescent current
EN = low
45
μA
PWM = low
4
5
mA
VDD voltage UVLO rising
2.8
2.9
V
VDD voltage UVLO hysteresis
120
250
380
mV
VDRV voltage UVLO rising
2.75
2.9
V
VDRV voltage UVLO hysteresis
360
400
440
mV
High-side current limit(4)
ILIM_FLT
Cycle-by-cycle up to four
cycles
75
A
Low-side current limit(4)
Negative current limit,
cycle-by-cycle, no fault
report
-30
A
Negative current limit low-side off
time(4)
40
ns
High-side current limit shutdown
counter(4)
4
times
EN input low threshold voltage
0.95
1.0
1.05
V
EN input high threshold voltage
1.15
1.2
1.25
V
Dead time rising(4)
3
ns
Dead time falling(4)
Positive inductor current
6
ns
Negative inductor
current
35
ns
SYNC internal pull-down resistor
RSYNC
100
k
Ω
SYNC logic high voltage
2
V
SYNC logic low voltage
0.8
V
PWM high-to-SW rising delay(4)
tRising
15
ns
PWM low-to-SW falling delay(4)
tFalling
15
ns
PWM tri-state to SW Hi-Z delay(4)
tLT
40
ns
tTL
20
ns
tHT
40
ns
tTH
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com