Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B27-R-05-2 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B27-R-05-2
Description  Isolated Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B27-R-05-2 Datasheet(HTML) 2 Page - Analog Devices

  7B27-R-05-2 Datasheet HTML 1Page - Analog Devices 7B27-R-05-2 Datasheet HTML 2Page - Analog Devices 7B27-R-05-2 Datasheet HTML 3Page - Analog Devices 7B27-R-05-2 Datasheet HTML 4Page - Analog Devices 7B27-R-05-2 Datasheet HTML 5Page - Analog Devices 7B27-R-05-2 Datasheet HTML 6Page - Analog Devices 7B27-R-05-2 Datasheet HTML 7Page - Analog Devices 7B27-R-05-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B27
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B27 is a single- channel signal conditioning module that
interfaces, amplifies, and filters input voltages from a J, K, T, E,
R, S or B –type thermocouple and provides an isolated (up to
100 V rms) and protected precision output of either +1 V to +5
V or 0 V to +10V, linear with input voltage. High accuracy
internal cold junction compensation and a predictable upscale
open circuit indication provide a complete signal conditioning
solution. The 7B27 is mix-and-match and hot-swappable with
other 7B Series input modules, so can be inserted or removed
from any socket in the same backplane without disturbing
power. Model 7B27 is rated to operate with a nominal +24 VDC
supply.
The three input pins of Model 7B27 are protected up to +30
VDC. A one-pole 3 Hz filter preconditions the thermocouple
signal prior to amplification, provided by a low drift input
amplifier. Cold junction compensation (CJC) is implemented
using a thermistor temperature sensor embedded under the
input screw terminal block on a 7B Series backplane. A voltage
reference source acts to offset the thermocouple signal in
accordance with the specified lower bound on the input
temperature range. A current source provides the upscale open
circuit indication. Amplitude modulation is used to implement
transformer isolation (100 V rms, continuous). Isolated front-
end circuitry power is supplied by a DC/DC converter. The
output section contains a demodulator, a two-pole low pass
filter (-3 dB @ 3 Hz), a buffer amplifier and a power oscillator.
The two-pole output filter and subsequent buffer ensures that a
low noise, low impedance (<1Ω) signal is available at the output
to drive loads down to 2 kΩ.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com