Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11981 Datasheet(PDF) 4 Page - Belden Inc.

Part # 11981
Description  Fast Ethernet Cat5e Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

11981 Datasheet(HTML) 4 Page - Belden Inc.

  11981 Datasheet HTML 1Page - Belden Inc. 11981 Datasheet HTML 2Page - Belden Inc. 11981 Datasheet HTML 3Page - Belden Inc. 11981 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Update and Revision:
Revision Number: 0.47 Revision Date: 02-03-2025
Variants
Item #
Item Description
Cable Length
12150 0985 342 134/0,3 M umspritzt 0.3 m
12151 0985 342 134/0,5 M umspritzt 0.5 m
11995 0985 342 134/0,6 M Umspritzt 0.6 m
11994 0985 342 134/1 M Umspritzt
1 m
11983 0985 342 134/1,5 M Umspritzt 1.5 m
12152 0985 342 134/2 M umspritzt
2 m
11981 0985 342 134/2,5 M Umspritzt 2.5 m
12153 0985 342 134/3 M umspritzt
3 m
11979 0985 342 134/4 M Umspritzt
4 m
12156 0985 342 134/5 M umspritzt
5 m
11978 0985 342 134/6 M Umspritzt
6 m
11976 0985 342 134/7,5 M Umspritzt 7.5 m
11974 0985 342 134/8 M Umspritzt
8 m
11964 0985 342 134/9 M Umspritzt
9 m
12157 0985 342 134/10 M umspritzt
10 m
12158 0985 342 134/15 M umspritzt
15 m
12110 0985 342 134/20 M Umspritzt
20 m
11934 0985 342 134/25 M Umspritzt
25 m
11948 0985 342 134/30 M Umspritzt
30 m
11950 0985 342 134/35 M Umspritzt
35 m
11952 0985 342 134/40 M Umspritzt
40 m
11953 0985 342 134/45 M Umspritzt
45 m
11954 0985 342 134/50 M Umspritzt
50 m
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com