Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18708 Datasheet(PDF) 1 Page - Atom Lighting

Part # 18708
Description  AT9708 (R80)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

18708 Datasheet(HTML) 1 Page - Atom Lighting

  18708 Datasheet HTML 1Page - Atom Lighting 18708 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9708 (R80)
10W R80 Reflector LED Lamp. Non Dimmable,
Frosted lens
Energy efficient LED lamp
Long Life
No mercury Content
Suitable replacement for halogen and
incandescent lamps
ORDERING INFORMATION
Order code
18708
Description
10W R80 LED REFLECTOR
LAMP E27 DL NON-DIM
Driver Type
Fixed output
Item Code
AT9708/ES/DL
MECHANICAL
Adjustability
Fixed
Diffuser Material
Polycarbonate
Product Finish
Frosted
Fitting Colour
White
IP Rating
IP20
ELECTRICAL
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
9.5 W
Power Factor
0.5
Switch Type
Inline
System Max Wattage
10 W
Working Temp Range
-20 to 40 °C
LAMP
Beam Angle
110 °
Bulb Type
R80
CCT Configuration
Single
Colour Rendering Index (CRI)
>80
Globe Base
E27
Globe Included
Yes
Lamp/LED Current
30 mA
Lamp/LED voltage
252 V
Led Package
2835
Number of Lamps
1
LED LIFETIME
LED Lifetime
15000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 18708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
18708 FESTO-18708 Datasheet
71Kb / 1P
Plug socket
187080 FESTO-187080 Datasheet
118Kb / 2P
Pressure gauge
logo
Weidmuller
1870810000 WEIDMULLER-1870810000 Datasheet
559Kb / 7P
BL 3.50/13/180 AU BK BX PRT
1870820000 WEIDMULLER-1870820000 Datasheet
359Kb / 5P
SL-SMT 3.50/13/90G 1.5AU BK RL PRT
1870840000 WEIDMULLER-1870840000 Datasheet
357Kb / 7P
LSF-SMT 3.50/19/180 1.5SN BK TU
More results

Similar Description - 18708

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R80NECT1 MSYSTEM-R80NECT1 Datasheet
202Kb / 4P
Remote I/O R80 Series POWER/NETWORK MODULE
R80DCT8A MSYSTEM-R80DCT8A Datasheet
248Kb / 5P
Remote I/O R80 Series NPN TRANSISTOR OUTPUT MODULE, 8 points
R80DAT8A MSYSTEM-R80DAT8A Datasheet
250Kb / 5P
Remote I/O R80 Series NPN DISCRETE INPUT MODULE, 8 points
R80 MSYSTEM-R80 Datasheet
2Mb / 6P
Remote I/O R80 Series R80 SERIES GENERAL SPECIFICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com