Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME8115D8G Datasheet(PDF) 9 Page - Micronetics, Inc.

Part # ME8115D8G
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ME8115D8G Datasheet(HTML) 9 Page - Micronetics, Inc.

Back Button ME8115D8G Datasheet HTML 5Page - Micronetics, Inc. ME8115D8G Datasheet HTML 6Page - Micronetics, Inc. ME8115D8G Datasheet HTML 7Page - Micronetics, Inc. ME8115D8G Datasheet HTML 8Page - Micronetics, Inc. ME8115D8G Datasheet HTML 9Page - Micronetics, Inc. ME8115D8G Datasheet HTML 10Page - Micronetics, Inc. ME8115D8G Datasheet HTML 11Page - Micronetics, Inc. ME8115D8G Datasheet HTML 12Page - Micronetics, Inc. ME8115D8G Datasheet HTML 13Page - Micronetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ME8115
V08
www.microne.com.cn
Page 9 of 15
应用说明
OB功率管基极
启动电流输入,外接启动电阻,设计时取1206电阻,阻值在2-6M之间,驱动电流最大为2mA,具体以启动时间要
求为准,电阻小启动快,反之慢。
FB反馈与控制
在正常工作状态,FB的电压将决定最大开关电流的值,此电压越高开关电流越大(仅受限于峰值电流限制)。FB
引脚内部上拉750uA电流源,下拉电阻约18
KΩ(近似等效值)。此外在FB电压低于2.4V时,将使振荡周期加大,开关
频率下降,低于2.4V越多,开关频率将越低。外接FB电容将对反馈带宽产生影响,进而影响某些外部参数,比如瞬态
特性。对于CFB电容的值,典型的应用可在10-100nF之间根据反馈回路的频率特性进行选取,一般应用可以使用100nF。
(参考信息图一)
650
μA
5
K
Ω
1.8V
OPT
5
3
IFB
OSC
CFB
RFB
RFB1
RFB2
Isense
25
K
Ω
140℃
160℃
130℃
VCC
3.9V
OB
TEMP
图一
图二
过温保护
IC内部集成了精确的过温保护功能。在芯片内部温度达到150℃时,热保护电路动作,将时钟信号下拉,使开关频
率降低,降低功耗。开关频率随温度的升高而降低,直至振荡器关闭。(如信息图二)
过压与欠压保护
IC具有带迟滞的欠电压保护功能。在VCC电压达到9.0V时IC开始启动,这个初始的启动电压有驱动电阻提供,输
入的高电压通过驱动电阻注入开关管的基极,放大的Ic电流在IC内部经过限制电路对VCC电容充电,从而形成驱动电
压。在IC正常工作时应保持VCC电压在4.8-9V之间(包括满负载输出的情况),若VCC电压下降到4V则振荡器将进入
关闭状态,VCC进一步降低到2.2V时,IC即开始重新启动。(如信息图三所示)
图三
IC内部VCC具有一个上限电压比较器控制,若VCC试图大于10V,则比较器动作,FB将被下拉,锁定VCC至10V,
达到过电压的限制功能。利用此功能可以方便的实现前端的电压反馈功能,也可避免输出开环时的输出电压大幅度升
高现象,保障负载的安全。因为此特性的存在,VCC的设计应保持在合适的范围,避免在大输出负载时VCC的上升过
高,IC过压限制动作导致的输出电压下降现象。
3.9V-9V
3.9V
VCC
OB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com