Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB1556 Datasheet(PDF) 1 Page - Master Analog Technology CO.

Part # PCB1556
Description  Low Sensitivity Unipolar Hall Effect Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAT [Master Analog Technology CO.]
Direct Link  https://www.masteranalog.com/en/index.html
Logo MAT - Master Analog Technology CO.

PCB1556 Datasheet(HTML) 1 Page - Master Analog Technology CO.

  PCB1556 Datasheet HTML 1Page - Master Analog Technology CO. PCB1556 Datasheet HTML 2Page - Master Analog Technology CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1281 Specification
Low Sensitivity Unipolar Hall Effect Switch
Page 1 of 2
100214
RD-30011
Rev 1.02
A1281 is an Unipolar Hall switch of low operating voltage and low sensitivity.
Absolute Maximum Ratings
At (Ta=25℃)
Characteristics
Values
Unit
Supply voltage (VDD)
28
V
Output Voltage,(Vout)
28
V
Output current, (ISINK)
50
mA
Operating Temperature
Range, (TA)
-40 ~ +125
℃
Storage temperature
Range, (TS)
-55 ~ +150
℃
Package Power
Dissipation, (PD)
606 / 230
mW
Functional Block Diagram
Voltage
Regulator
Amp
VDD
Out
VSS
Hall
Sensor
Hall
Sensor
Clock
Electrical Specifications
DC Operating Parameters: TA=+25℃, VDD=12V
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage,(VDD)
Operating
3.0
24.0
V
Supply Current,(IDD)
B<BOP
2.5
5.0
mA
Output Saturation Voltage, (VDSON) Iout=20mA,B>BOP
500.0
mV
Output Leakage Current, (Ioff)
IOFF B<BRP, VOUT = 20V
10.0
uA
Output Rise Time, (TR)
RL=1kΩ, CL =20pF
0.04
0.45
uS
Output Fall Time, (TF)
RL=1kΩ; CL =20pF
0.18
0.45
uS
Electro-Static Discharge
HBM
4
KV
Operate Point,(BOP)
I3(S3)
140(-250)
250(-140)
Gauss
Release Point,(BRP)
I3(S3)
95(-205)
205(-95)
Gauss
Hysteresis,(BHYS)
|BOP - BRP|
45
Gauss
DMOS Hall
Effect Switch
Supply Voltage
3.0 ~ 24V
Bop:175 Gauss
Brp:130 Gauss
Output
Open Drain
Package
SIP-3(I3)
SOT-23(S3)


Similar Part No. - PCB1556

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCB1325 ETC2-PCB1325 Datasheet
151Kb / 1P
This platinum temperature sensor on a printed circuit board has been specially designed for use in calorimetry
logo
Sharp Corporation
PCB16B SHARP-PCB16B Datasheet
259Kb / 4P
Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
logo
Emerson Network Power
PCB1B-WKEY EMERSON-NETWORKPOWER-PCB1B-WKEY Datasheet
555Kb / 1P
Edco PCB1B-WKEY Card Edge Terminal Connector
5/14 Rev. 2
More results

Similar Description - PCB1556

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
Sensitivity Unipolar Hall Effect Switch
logo
SEC Electronics Inc.
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
Unipolar Hall Switch-Low Sensitivity
logo
Diodes Incorporated
AH3376 DIODES-AH3376 Datasheet
840Kb / 15P
HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
AH3377 DIODES-AH3377_18 Datasheet
827Kb / 15P
HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com