Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29717 Datasheet(PDF) 1 Page - Belden Inc.

Part # 29717
Description  AS-Interface Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

29717 Datasheet(HTML) 1 Page - Belden Inc.

  29717 Datasheet HTML 1Page - Belden Inc. 29717 Datasheet HTML 2Page - Belden Inc. 29717 Datasheet HTML 3Page - Belden Inc. 29717 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 0915 034 101
AS-Interface Data Double-Ended Cordset: Male straight A-coded orange M12
Standard to female straight A-coded orange M12 Standard, 50 V AC / 60 V
DC, 4 A; TPU orange cable, 4-wires, 0.50 mm²
Product Description
AS-Interface Data Double-Ended Cordset: Male straight A-coded orange M12 Standard to female straight A-coded orange M12 Standard, 50 V AC / 60 V DC,
4 A; TPU orange cable, 4-wires, 0.50 mm²
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1
Pin 2 Pin 3 Pin 4
brown white blue
black
Face View Side 2
Pin 1
Pin 2 Pin 3 Pin 4
brown white blue
black


Similar Part No. - 29717

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2971742 PHOENIX-2971742 Datasheet
121Kb / 4P
UMK-16 RM 24
More results

Similar Description - 29717

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342DT19BGD-300I GSI-GS8342DT19BGD-300I Datasheet
507Kb / 29P
Dual Double Data Rate interface
GS8342Q07BGD-357I GSI-GS8342Q07BGD-357I Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS8662Q10BD-250I GSI-GS8662Q10BD-250I Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS81302D37E-450I GSI-GS81302D37E-450I Datasheet
517Kb / 31P
Dual Double Data Rate interface
GS82582QT19GE-375I GSI-GS82582QT19GE-375I Datasheet
437Kb / 25P
Dual Double Data Rate interface
GS8342Q10BGD-300 GSI-GS8342Q10BGD-300 Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS81302D38E-400 GSI-GS81302D38E-400 Datasheet
515Kb / 31P
Dual Double Data Rate interface
GS8342QT37BD-357I GSI-GS8342QT37BD-357I Datasheet
503Kb / 29P
Dual Double Data Rate interface
GS81302DT19GE-333 GSI-GS81302DT19GE-333 Datasheet
513Kb / 30P
Dual Double Data Rate interface
logo
Pepperl+Fuchs Inc.
VAA-4E4A-KE2-DK PF-VAA-4E4A-KE2-DK Datasheet
266Kb / 2P
AS-Interface data coupler
2020-02-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com