Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DFI Datasheet(PDF) 1 Page - STMicroelectronics

Part # BU508DFI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU508DFI Datasheet(HTML) 1 Page - STMicroelectronics

  BU508DFI Datasheet HTML 1Page - STMicroelectronics BU508DFI Datasheet HTML 2Page - STMicroelectronics BU508DFI Datasheet HTML 3Page - STMicroelectronics BU508DFI Datasheet HTML 4Page - STMicroelectronics BU508DFI Datasheet HTML 5Page - STMicroelectronics BU508DFI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BU508DFI
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
HIGH VOLTAGE CAPABILITY ( > 1500 V )
s
NPN TRANSISTOR WITH INTEGRATED
FREEWHEELING DIODE
s
FULLY INSULATED PACKAGE (U.L.
COMPLIANT) FOR EASY MOUNTING
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR COLOUR
TV UP TO 25"
DESCRIPTION
The
BU508DFI
is
manufactured
using
Multiepitaxial Mesa technology for cost-effective
high performance and uses a Hollow Emitter
structure to enhance switching speeds.
INTERNAL SCHEMATIC DIAGRAM
April 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
1500
V
VCEO
Collector-Emitter Voltage (IB = 0)
700
V
VEBO
Emitter-Base Voltage (IC = 0)
10
V
IC
Collector Current
8
A
ICM
Collector Peak Current (tp < 5 ms)
15
A
IB
Base Current
5
A
IBM
Base Peak Current (tp < 5 ms)
8
A
Ptot
Total Dissipation at Tc = 25
oC50
W
Visol
Insulation Withstand Voltage (RMS) from All
Three Leads to Exernal Heatsink
2500
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
ISOWATT218
1
2
3
®
1/6


Similar Part No. - BU508DFI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU508DFI STMICROELECTRONICS-BU508DFI Datasheet
75Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
logo
Savantic, Inc.
BU508DFI SAVANTIC-BU508DFI Datasheet
149Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU508DFI ISC-BU508DFI Datasheet
132Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BU508DFI SAVANTIC-BU508DFI Datasheet
151Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU508DFI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com