Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UO-006B Datasheet(PDF) 10 Page - LEDTRONICS, INC

Part # GF200-0UO-006B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UO-006B Datasheet(HTML) 10 Page - LEDTRONICS, INC

Back Button GF200-0UO-006B Datasheet HTML 6Page - LEDTRONICS, INC GF200-0UO-006B Datasheet HTML 7Page - LEDTRONICS, INC GF200-0UO-006B Datasheet HTML 8Page - LEDTRONICS, INC GF200-0UO-006B Datasheet HTML 9Page - LEDTRONICS, INC GF200-0UO-006B Datasheet HTML 10Page - LEDTRONICS, INC GF200-0UO-006B Datasheet HTML 11Page - LEDTRONICS, INC GF200-0UO-006B Datasheet HTML 12Page - LEDTRONICS, INC GF200-0UO-006B Datasheet HTML 13Page - LEDTRONICS, INC GF200-0UO-006B Datasheet HTML 14Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
Options
Series: F200
PN Example: F200-0AG-006B
Series: F206
PN Example: F206-0UR-006B
Series: FL206
PN Example: FL206-0UR-006B
Series: FFL200
PN Example: FFL200-0UO-006B
FF200
FF200-0UR-006B
FF200-0UR-014B
FF200-0UR-024B
FF200-0UR-028B
5/6V
24V
28V
20
20
15
15
328,345,350
330,382,394
327,376,387
327,376,387
B = BiPolar AC/DC
Replace FF200 With F200
Narrow Beam (15º)
Intensity 1.6K mcd/52
Ft.Cd @20 mA
Center Contact Polarity
12/14V
120º
Center Contact
.65 MAX
.28
.20
.240 Dia
115
115
85
85
Replace FF200 With F200
Narrow (15º) Beam
Intensity 3.5K mcd@20 mA
Center Contact Polarity
FF200
FF200-0UO-006B
FF200-0UO-014B
FF200-0UO-024B
FF200-0UO-028B
5/6V
24V
28V
328,345,350
330,382,394
327,376,387
327,376,387
12/14V
120º
Center Contact
.65 MAX
.28
.20
.240 Dia
130
130
98
98
20
20
15
15
B = BiPolar AC/DC
FF200
FF200-0UY-006B
FF200-0UY-014B
FF200-0UY-024B
FF200-0UY-028B
5/6V
24V
28V
20
20
15
15
328,345,350
330,382,394
327,376,387
327,376,387
116
116
75
75
Replace FF200 With F200
Narrow (15º) Beam
Intensity 3.2K mcd@20 mA
Center Contact Polarity
12/14V
120º
Center Contact
.65 MAX
.28
.20
.240 Dia
B = BiPolar AC/DC
FF200
FF200-0CW-006B
FF200-0CW-014B
FF200-0CW-024B
FF200-0CW-028B
5V
24V
28V
15
15
15
15
328,345,350
330,382,394
327,376,387
327,376,387
160
160
160
160
Replace FF200 With F200
Std. (50º) Beam Intensity
750 mcd/75 Ft. cd
Center Contact Polarity
Center Contact
.65 MAX
.28
.20
.240 Dia
12/14V
120º
B = BiPolar AC/DC
FF200
FF200-0UG-006B
FF200-0UG-014B
FF200-0UG-024B
FF200-0UG-028B
5/6V
24V
28V
20
20
15
15
328,345,350
330,382,394
327,376,387
327,376,387
58
58
44
44
Replace FF200 With F200
Narrow (12-15º) Beam
Intensity 1K mcd@ 20 mA
Center Contact Polarity
12/14V
120º
Center Contact
.65 MAX
.28
.20
.240 Dia
B = BiPolar AC/DC
FF200
FF200-0AG-006B
FF200-0AG-014B
FF200-0AG-024B
FF200-0AG-028B
5/6V
24V
28V
15
15
15
15
328,345,350
330,382,394
327,376,387
327,376,387
400
400
400
400
Replace FF200 With F200
Narrow (15º) Beam
Intensity 7K mcd/250 Ft.Cd
Center Contact Polarity
12/14V
120º
Center Contact
.65 MAX
.28
.20
.240 Dia
B = BiPolar AC/DC
FF200
FF200-0PB-006B
FF200-0PB-014B
FF200-0PB-024B
FF200-0PB-028B
5/6V
24V
28V
15
15
15
15
328,345,350
330,382,394
327,376,387
327,376,387
Replace FF200 With F200
Std. (15º) Beam Intensity
2K mcd/60 Ft.Cd
Center Contact Polarity
12/14V
125
125
125
125
120º
.65 MAX
.28
.20
.240 Dia
Center Contact
.60 Max
.28
.240 Dia
.67 Max
.28
.240 Dia
.73 Max
.28
.240 Dia
.77 Max
.28
.240 Dia
(2-Chip)
B = BiPolar AC/DC
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
T1-3/4 (5mm) Midget Flange Based LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com