Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF200-0PB-024P Datasheet(PDF) 13 Page - LEDTRONICS, INC

Part # SF200-0PB-024P
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SF200-0PB-024P Datasheet(HTML) 13 Page - LEDTRONICS, INC

Back Button SF200-0PB-024P Datasheet HTML 9Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 10Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 11Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 12Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 13Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 14Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 15Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 16Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 17Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
.5
5
.25
.120
.25 Dia
+
.23
T1-3/4 (5mm) Midget Bi-Pin Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
Series: BP200
PN Example: BP200-0AG-014V
Series: BP203
PN Example: BP203-1UB-014V
BPF200
BPF200-0UR-005V
BPF200-0UR-012V
BPF200-0UR-014V
BPF200-0UR-024V
BPF200-0UR-028V
5V
12V
24V
28V
20
20
20
15
15
7328
7371
7330,7382
7327,7387
7327,7387
Replace BPF200 With
BP200 Narrow (15º) Beam
Intensity 1.6K mcd/52 Ft.Cd
@20 mA
12/14V
120º
115
115
115
85
85
Replace BPF200 With
BP200 Narrow (15º) Beam
Intensity 3.5K mcd@20 mA
BPF200
BPF200-0UO-005V
BPF200-0UO-012V
BPF200-0UO-014V
BPF200-0UO-024V
BPF200-0UO-028V
5V
12V
24V
28V
7328
7371
7330,7382
7327,7387
7327,7387
12/14V
120º
130
130
98
98
130
20
20
20
15
15
BPF200
BPF200-0UY-005V
BPF200-0UY-012V
BPF200-0UY-014V
BPF200-0UY-024V
BPF200-0UY-028V
5V
12V
24V
28V
20
20
20
15
15
7328
7371
7330,7382
7327,7387
7327,7387
116
116
116
75
75
Replace BPF200 With
BP200 Narrow (15º) Beam
Intensity 3.2K mcd@20 mA
12/14V
120º
BPF200
BPF200-0CW-005V
BPF200-0CW-012V
BPF200-0CW-014V
BPF200-0CW-024V
BPF200-0CW-028V
5V
12V
24V
28V
15
15
15
15
15
7328
7371
7330,7382
7327,7387
7327,7387
160
160
160
160
160
Replace BPF200 With
BP200 Std. (50º) Beam
Intensity 750 mcd/75 Ft. cd
12/14V
120º
BPF200
BPF200-0UG-005V
BPF200-0UG-012V
BPF200-0UG-014V
BPF200-0UG-024V
BPF200-0UG-028V
5V
12V
24V
28V
20
20
20
15
15
7328
7371
7330,7382
7327,7387
7327,7387
58
58
58
44
44
Replace BPF200 With
BP200 Narrow (12-15º)
Beam Intensity 1K mcd@
20 mA
12/14V
120º
BPF200
BPF200-0AG-005V
BPF200-0AG-012V
BPF200-0AG-014V
BPF200-0AG-024V
BPF200-0AG-028V
5V
12V
24V
28V
15
15
15
15
15
7328
7371
7330,7382
7327,7387
7327,7387
400
400
400
400
400
Replace BPF200 With
BP200 Narrow (15º) Beam
Intensity 7Kmcd/250 Ft.Cd
12/14V
120º
BPF200
BPF200-0PB-005V
BPF200-0PB-012V
BPF200-0PB-014V
BPF200-0PB-024V
BPF200-0PB-028V
5V
12V
24V
28V
15
15
15
15
15
7328
7371
7330,7382
7327,7387
7327,7387
Replace BPF200 With
BP200 Std. (15º) Beam
Intensity 2K mcd/60 Ft.Cd
12/14V
125
125
125
125
125
120º
.58
.25
.120
.20
.25 Dia
+
Positive
.6
2
.25
.120
.20
.25 Dia
+
.58
.25
.120
.20
.25 Dia
+
Positive
.58
.25
.120
.20
.25 Dia
+
Positive
.58
.25
.120
.20
.25 Dia
+
Positive
.58
.25
.120
.20
.25 Dia
+
Positive
.58
.25
.120
.20
.25 Dia
+
Positive
.58
.25
.120
.20
.25 Dia
+
Positive
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com