Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18607 Datasheet(PDF) 1 Page - Atom Lighting

Part # 18607
Description  AT9421
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

18607 Datasheet(HTML) 1 Page - Atom Lighting

  18607 Datasheet HTML 1Page - Atom Lighting 18607 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9421
6W C35 LED lamp. Dimmable. Frosted lens
Candle lamp (C35 shape)
Energy efficient LED lamp
Long Life
No mercury Content
Suitable replacement for halogen and
incandescent lamps
Suitable for use with dimmers
ORDERING INFORMATION
Order code
18607
Description
6W CANDLE LED LAMP E14
CW DIMMABLE
Driver Type
Dimmable ( Phase cut)
Item Code
AT9421/SES/CW
MECHANICAL
Adjustability
Fixed
Diffuser Material
Polycarbonate
Product Finish
Frosted
Fitting Colour
White
IP Rating
IP20
ELECTRICAL
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
5.8 W
Power Factor
0.5
Switch Type
Inline
System Max Wattage
5 W
Working Temp Range
-20 to 40 °C
LAMP
Beam Angle
270 °
Bulb Type
C35
CCT Configuration
Single
Colour Rendering Index (CRI)
>80
Globe Base
E14 / SES
Globe Included
Yes
Lamp/LED Current
15.5 mA
Lamp/LED voltage
270 V
Led Package
2835
Maximum Bulb Wattage
5.8 W
Number of Lamps
1
LED LIFETIME
LED Lifetime
15000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 18607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1860701 PHOENIX-1860701 Datasheet
630Kb / 12P
FKCOW 2,5/18-ST-5,08
1860702 PHOENIX-1860702 Datasheet
144Kb / 6P
MC 1,5/ 8-ST-3,81
1860702 PHOENIX-1860702 Datasheet
151Kb / 6P
MCVW 1,5/ 8-ST-3,81
1860702 PHOENIX-1860702 Datasheet
138Kb / 6P
MCVR 1,5/ 8-ST-3,81
1860702 PHOENIX-1860702 Datasheet
149Kb / 6P
FK-MCP 1,5/ 8-ST-3,81
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com