Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2S Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # B2S
Description  MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

B2S Datasheet(HTML) 2 Page - Pan Jit International Inc.

  B2S Datasheet HTML 1Page - Pan Jit International Inc. B2S Datasheet HTML 2Page - Pan Jit International Inc. B2S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-JAN.19.2007
B1S~B10S
Fig.3 TYPICAL FORWARD CHARACTERISTICS
Fig.4 TYPICAL REVERSE CHARACTEISTICS
RATING AND CHARACTERISTIC CURVES
Fig.2 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig.1 MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE, C
O
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
50
40
30
20
10
1
2
4
6
8 10
20
40
60 80 100
10
1.0
0.1
0.01
0.4
0.6
0.8
1.2
1.4
1.0
100
10
1.0
0.1
0
20
40
60
80
100
120
140
T=
C
J
125
O
T=25 C
J
O
1.00
0.75
0.50
0.25
0
20
40
60
80
100
120
1
1
45
00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com