Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR25 Datasheet(PDF) 4 Page - Same Sky Devices

Part # PR25
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR25 Datasheet(HTML) 4 Page - Same Sky Devices

  PR25 Datasheet HTML 1Page - Same Sky Devices PR25 Datasheet HTML 2Page - Same Sky Devices PR25 Datasheet HTML 3Page - Same Sky Devices PR25 Datasheet HTML 4Page - Same Sky Devices PR25 Datasheet HTML 5Page - Same Sky Devices PR25 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAME SKY | SERIES: PR25 | DESCRIPTION: POWER RELAY
date 09/12/2024 | page 4 of 6
sameskydevices.com
4
3.5 ..
1.1
.
units: mm [inch]
tolerance: ±0.254 mm
unless otherwise noted
DESCRIPTION
MATERIAL
PLATING/COLOR
housing
PBT (UL94V-0)
black
terminals
copper alloy
tin
Recommended PCB Layout
Bottom View
Wiring Diagram
Bottom View
MECHANICAL DRAWING (1C = 1 FORM C)
Ø1.3
Ø1.5
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com