Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMLP Datasheet(PDF) 6 Page - Abracon Corporation

Part # AMMLP
Description  Low Power, Low Jitter MEMS Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMMLP Datasheet(HTML) 6 Page - Abracon Corporation

Back Button AMMLP Datasheet HTML 2Page - Abracon Corporation AMMLP Datasheet HTML 3Page - Abracon Corporation AMMLP Datasheet HTML 4Page - Abracon Corporation AMMLP Datasheet HTML 5Page - Abracon Corporation AMMLP Datasheet HTML 6Page - Abracon Corporation AMMLP Datasheet HTML 7Page - Abracon Corporation AMMLP Datasheet HTML 8Page - Abracon Corporation AMMLP Datasheet HTML 9Page - Abracon Corporation AMMLP Datasheet HTML 10Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AMMLP series
Low Power, Low Jitter MEMS Oscillator
Revision:
Initial Release 4/30/2024
Page 6
Disclaimer
Check Inventory
S
Request Samples
2.0 mm x 1.6 mm VFLGA Package Outline
Dimensions: inches [mm]
Mechanical Dimensions
Note 1:
Pin 1 visual index feature may vary, but must be
located within the hatched area.
Note 2:
Package is saw singulated
Note 3:
Dimensioning and tolerance per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value
shown without tolerances
REF: Reference Dimension, usually without
tolerance, for information purposes only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com