Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMLPDAEJE Datasheet(PDF) 3 Page - Abracon Corporation

Part # AMMLPDAEJE
Description  Low Power, Low Jitter MEMS Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMMLPDAEJE Datasheet(HTML) 3 Page - Abracon Corporation

  AMMLPDAEJE Datasheet HTML 1Page - Abracon Corporation AMMLPDAEJE Datasheet HTML 2Page - Abracon Corporation AMMLPDAEJE Datasheet HTML 3Page - Abracon Corporation AMMLPDAEJE Datasheet HTML 4Page - Abracon Corporation AMMLPDAEJE Datasheet HTML 5Page - Abracon Corporation AMMLPDAEJE Datasheet HTML 6Page - Abracon Corporation AMMLPDAEJE Datasheet HTML 7Page - Abracon Corporation AMMLPDAEJE Datasheet HTML 8Page - Abracon Corporation AMMLPDAEJE Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AMMLP series
Low Power, Low Jitter MEMS Oscillator
Revision:
Initial Release 4/30/2024
Page 3
Disclaimer
Check Inventory
S
Request Samples
AMMLP
-
Part Number Example:
AMMLPADLRE-24.0000T
Packaging
Blank: Bulk
T: 1k pcs / reel
T3: 3k pcs / reel
Output Frequency
In MHz
For MHz specify
frequency out to 4 digit
accuracy after the
decimal:
xxx.xxxx
e.g. 80.0000
Package Size
A: 2.0x1.6mm
D: 2.5x2.0mm
V: 7.0x5.0mm
Operating Temp.
E: -20°C ~ +70°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
V: -40°C ~ +125°C
Freq. Stability
J: ±20ppm
R: ±25 ppm
C: ±50 ppm
Supply Voltage
A: 2.25V~3.63V
B: 3.3V±10%
C: 2.5V±10%
D: 1.8V+10%/-5%
Pin 1 Function
E: Output Enable
S: Standby
Options and Part Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com