Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40TS Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAS40TS
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40TS Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAS40TS Datasheet HTML 1Page - Pan Jit International Inc. BAS40TS Datasheet HTML 2Page - Pan Jit International Inc. BAS40TS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-MAY.11.2006
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 5K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 200
6
The information presented in this document is believed to be accurate and reliable. The specifications and information
herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.
BAS40TS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com