Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1684635 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1684635
Description  BC 161,6 OT 212222 BK - Upper housing part
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1684635 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1684635 Datasheet HTML 1Page - PHOENIX CONTACT 1684635 Datasheet HTML 2Page - PHOENIX CONTACT 1684635 Datasheet HTML 3Page - PHOENIX CONTACT 1684635 Datasheet HTML 4Page - PHOENIX CONTACT 1684635 Datasheet HTML 5Page - PHOENIX CONTACT 1684635 Datasheet HTML 6Page - PHOENIX CONTACT 1684635 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Test directions
X-, Y- and Z-axis
Glow-wire test
Specification
IEC 60695-2-11:2014-02
Temperature
850 °C
Time of exposure
30 s
Mechanical strength / tumbling barrel
Specification
IEC 60068-2-31:2008-05
Height of fall
50 cm
Frequency
50
Shocks
Specification
IEC 60068-2-27:2008-02
Pulse shape
Half-sine
Acceleration
15g
Shock duration
11 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Degree of protection (IP code)
Specification
IEC 60529:1989-11 + AMD 1:1999-11 + AMD 2:2013-08
Ambient conditions
Max. IP code to attain
IP20
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Relative humidity (storage/transport)
95 %
PCB data
Number of PCB holders
18
Type of PCB mount
Latching
Thickness of the PCB
1.4 mm ... 1.8 mm
Mounting
Mounting type
Snap in
Packaging specifications
Type of packaging
packed in cardboard
Outer packaging type
Carton
BC 161,6 OT 212222 BK - Upper housing part
1684635
https://www.phoenixcontact.com/us/products/1684635
Feb 10, 2025, 12:15 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com