Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40CDW Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAS40CDW
Description  SURFACE MOUNT SCHOTTKY DIODE ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40CDW Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAS40CDW Datasheet HTML 1Page - Pan Jit International Inc. BAS40CDW Datasheet HTML 2Page - Pan Jit International Inc. BAS40CDW Datasheet HTML 3Page - Pan Jit International Inc. BAS40CDW Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig. 3. Typical Reverse Characteristics
Fig. 2. Typical Forward Characteristics
www.panjit.com
8/10/2005
Page 3
Fig. 4. Typical Capacitance
TYPICAL CHARACTERISTIC CURVES (Per Diode)
BAS40TW/ADW/CDW/SDW/RDW
0.001
0.01
0.1
1
10
100
0
1020
3040
Reverse Voltage, VR (V)
T
A = 25 °C
T
A = 75 °C
T
A = 125 °C
T
A = -25 °C
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Forward Voltage , VF (V)
T
A = -25 °C
T
A = 25 °C
T
A = 75 °C
T
A = 125 °C
0
0.5
1
1.5
2
2.5
3
3.5
4
010
20
30
40
Reverse Voltage, V
R (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com