Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70CDW Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS70CDW
Description  SURFACE MOUNT SCHOTTKY DIODE ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70CDW Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS70CDW Datasheet HTML 1Page - Pan Jit International Inc. BAS70CDW Datasheet HTML 2Page - Pan Jit International Inc. BAS70CDW Datasheet HTML 3Page - Pan Jit International Inc. BAS70CDW Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.panjit.com
3/23/2005
Page 2
ELECTRICAL CHARACTERISTICS (Per Diode)
Parameter
Symbol
Min
Units
Breakdown Voltage (Note 1)
Tj = 25°C Unless otherwise noted
Conditions
Typ
Max
VBR
BR
I
=
Forward Voltage (Note 1)
V F
I
=
I
=
F
F
Reverse Leakage Current (Note 1)
I RR
V =
Junction Capacitance
C D
0Vdc Bias, f =1 MHz
Reverse Recovery Time
(See Figure 1)
trr
I = 10mA, I = 10mA
R = 100 Ohms;
measured at I
= 1mA
F
R
L
100 uA
1.0 mA
10 mA
50 V
70
-
-
V
-
-
0.41
-
-
0.75
V
-
100
nA
-
2.0
pF
-
1.25
-5ns
-
BAS70TW/ADW/CDW/SDW
+1 0 V
50 Ω O u t put
Pu ls e
Ge n e r a t o r
50 Ω In p u t
Sa m p lin g
O scillo s co p e
DUT
?
82 0 Ω
2. 0 k Ω
0. 1 µ F
I
F
10 0 µ H
0. 1 µ F
+1 0 V
50 Ω O u t put
Pu ls e
Ge n e r a t o r
50 Ω In p u t
Sa m p lin g
O scillo s co p e
DUT
?
82 0 Ω
2. 0 k Ω
0. 1 µ F
I
F
10 0 µ H
0. 1 µ F
Notes: 1. A 2.0kΩ variable resistor adjusted for a forward current (IF) to 10mA
2. Input pulse is adjusted to IR(peak) is equal to 10mA
Figure 1. REVERSE RECOVERY TIME EQUIVALENT TEST CIRCUIT
Note 1: Short duration (<300us) test pulse to minimize self heating
Rrec
I
=
F
15 mA
1.0
--



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com