Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83145 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE83145
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83145 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE83145 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image



   
 


 


 


 


 


 


 


 







 






:
 
(
#3A./9:.2 A*./0 

92 A*./0 



 

(
/ ?
?  2+*+++ ? 
+ 2%- , *5



:'






1 21+  (6
 
?/.CD

) 1% 
?/.CD  
 %
#
#3.??C:D9"?%*1%
9:" 1+ 
%%0%2 EF2   +)* , % * 0
%@8 1  %% B



&









6



121+ (6 
* * +)*-.
 0 
#
#3-(&C:D9"-.?
9:"(6?
#3&??C:D9"?%*1%
9:" 1+ 
%%0%2 EF2   +)* , % * 0
%@8 1  %% B



:








6



121+ (6 
* * +)*-.
 0 
#
#3-('C:D9"-.?
9:"(6?
#3'??C:D9"?%*1%
9:" 1+ 
%%0%2 EF2   +)* , % * 0
%@8 1  %% B
'
:
:









-.#0%%


 
-.7G0 %%


-.. + 04:     * -.<#
0



*  ?%07)*
<++   
   



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com