Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1101F Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1101F
Description  Single Color Right Angle Type (3.0 X 2.0 mm)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1101F Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  1101F Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. 1101F Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1101F Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1101F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1101F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1101F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1101F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1101F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1101F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Page 1
1101F Series
Single Color Right Angle Type (3.0 X 2.0 mm)
Features
Outer Dimension 3.0 x 2.0 x 1.0mm ( L x W x H )
Temperature range
Storage Temperature
Operating Temperature
Lead–free soldering compatible
RoHS compliant
Package
Product features
: -40℃~100℃
: -30℃~85℃
Right Angle Type (3.0 x 2.0 mm), Water Clear resin
Recommended Applications
Amusement Equipment, Electric Household Appliances, Cellular Phone, Other General Applications
Green
: 558nm(BG),567nm(PG)
Yellow Green
: 572nm(PY)
Yellow
: 590nm(AY)
Orange
: 606nm(AA)
Red
: 647nm(BR)
Dominant wavelength
Rank grouping parameter
Assembly method
Soldering methods
Taping and reel
ESD
Sorted by luminous intensity per rank taping
Auto pick & place machine (Auto Mounter)
3,000pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
More than 2kV(HBM)
Reflow soldering and manual soldering
BG
: θx = 160 deg., θy = 136 deg.
PG
: θx = 149 deg., θy = 130 deg.
PY
: θx = 131 deg., θy = 120 deg.
AY
: θx = 143 deg., θy = 136 deg.
AA
: θx = 141 deg., θy = 123 deg.
BR
: θx = 174 deg., θy = 130 deg.
BG,PG,PY
: GaP
AY,AA
: GaAsP
BR
: GaAlAs
Half Intensity Angle
Die materials
2007.8.31


Similar Part No. - 1101F

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
PRI TRANSFORMERS Reinforced Insulation
logo
Alpha Wire
1101 ALPHAWIRE-1101 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
1101 ALPHAWIRE-1101 Datasheet
97Kb / 4P
Customer Specification
11/30/2022
logo
Antex (Electronics) Lim...
1101 ANTEX-1101 Datasheet
194Kb / 1P
POWER SUPPLY UNITS BENCH STAND SOLDERING BITS
logo
Anaren Microwave
1101 ANAREN-1101 Datasheet
926Kb / 1P
Low-power RF modules, firmware & development tools that make it easy to ’go wireless’
More results

Similar Description - 1101F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PG1101F-TR STANLEY-PG1101F-TR Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
logo
Kingbright Corporation
APBDA3020QBDCGKC-GX KINGBRIGHT-APBDA3020QBDCGKC-GX Datasheet
304Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
APBDA3020SURKCGKC-GX TO-GRACE-APBDA3020SURKCGKC-GX Datasheet
938Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APBDA3020QBDCGKC-GX TO-GRACE-APBDA3020QBDCGKC-GX Datasheet
911Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J3-PF TO-GRACE-APDA3020LSECK-J3-PF Datasheet
862Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J4-PF TO-GRACE-APDA3020LSECK-J4-PF Datasheet
832Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LZGCK TO-GRACE-APDA3020LZGCK Datasheet
856Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020SECK-J3-PF TO-GRACE-APDA3020SECK-J3-PF Datasheet
854Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020ZGCK TO-GRACE-APDA3020ZGCK Datasheet
830Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com