Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M08 Datasheet(PDF) 16 Page - King blillion Electronics Co.,Ltd.

Part # HF88M08
Description  512K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M08 Datasheet(HTML) 16 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M08 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M08
January 16, 2004
Page 16 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
7.6 Output to P0 and P1 Ports
CE n
WE n
OE n
P 0_D a ta
D [7:0]
FFh
5 5 h
AA h
ZZ
ZZ
O u tput to P 0 a nd P 1 P o rts
P 0_D IR
P 1_D a ta
P 1_D IR
RS [2 :0 ]
101b
111b
FFh
FF h
FFh
00h
FF h
00h
000b
FF h
100b
110b
55h
AA h
8 Absolute Maximum Rating
Items
Symbol
Rating
Condition
Supply Voltage
VDD
-0.3 to 6 V
Input Voltage
VIN
-0.3 to Vdd+0.3 V
Operating Temperature
TOPR
-0 to 70
°C
Storage Temperature
TSTR
-55 to 125
°C
9 AC Electrical Characteristics
READ CYCLE
There are two ways of accessing the ROM data. The first one is to assert the valid address on the
Address Bus, then assert CEn “low” to enable the ROM array. The access time in this mode is specified
as tACE. The advantage of this access mode is that power consumption can be lowered. The second
access mode keeps the CEn “low” while changes the addresses to access the contents of ROM data. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com