Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF23C3200B Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # SF23C3200B
Description  32 Mbit CMOS Mask Programmable ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

SF23C3200B Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  SF23C3200B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. SF23C3200B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
SF23C3200B
December 8, 2003
Page 2 of 7
V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
1. General Description
The SF23C3200B is a fully static, 32 Mbit CMOS Mask Programmable ROM. This device operates in
wide operating range. It requires no external clock for its operation and suitable for use with
microprocessor program memory, and data memory (speech, graphic, etc).
2. Features
Operating range: 2.4V ~ 3.6V
Organization
-
Memory Cell Array: 4M x 8 or 2M x 16 selectable by BYTEB pin
Low Operation Current (Typical)
-
10
µA standby mode current.
-
30 mA active read current at 100 ns cycle time.
Fully static operation
Tri-state outputs
Package: bare chip
3. Functional block diagram
MEMORY
CELL
ARRAY
SENSE AMP.
OEn
X BUFFER &
DECODER
CONTROL
LOGIC
Y BUFFER &
DECODER
CEn
[A20..A-1]
[Q15..Q0]
BYTEB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com