Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8101GS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8101GS
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101GS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8101GS Datasheet HTML 1Page - Richtek Technology Corporation RT8101GS Datasheet HTML 2Page - Richtek Technology Corporation RT8101GS Datasheet HTML 3Page - Richtek Technology Corporation RT8101GS Datasheet HTML 4Page - Richtek Technology Corporation RT8101GS Datasheet HTML 5Page - Richtek Technology Corporation RT8101GS Datasheet HTML 6Page - Richtek Technology Corporation RT8101GS Datasheet HTML 7Page - Richtek Technology Corporation RT8101GS Datasheet HTML 8Page - Richtek Technology Corporation RT8101GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
RT8101/A
Preliminary
www.richtek.com
DS8101/A-01 March 2007
Functional Pin Description
BOOT (Pin 1)
Bootstrap supply for the upper gate driver. Connect the
bootstrap capacitor between BOOT pin and the PHASE
pin. The bootstrap capacitor provides the charge to turn
on the upper MOSFET.
UGATE (Pin 2)
Upper gate driver output. Connect to gate of the high-
side power N-Channel MOSFET. This pin is monitored by
the adaptive shoot-through protection circuitry to
determine when the upper MOSFET is turned off.
GND (Pin 3)
Signal ground for the IC.
LGATE (Pin 4)
Lower gate driver output. Connect to the gate of the low-
side power N-Channel MOSFET. This pin is monitored by
the adaptive shoot-through protection circuitry to determine
when the lower MOSFET is turned off.
VCC (Pin 5)
Connect this pin to a well-decoupled 12V bias supply. It
is also the positive supply for the lower gate driver, LGATE.
FB (Pin 6)
Buck converter feedback voltage. This pin is the inverting
input of the error amplifier. FB senses the switcher output
through an external resistor divider network.
COMP (Pin 7)
Buck converter external compensation. This pin is used
to compensate the control loop of the buck converter.
PHASE (Pin 8)
Connect this pin to the source of the upper MOSFET and
the drain of the lower MOSFET. This pin is monitored by
the adaptive shoot-through protection circuitry to
determine when the upper MOSFET is turned off.
Exposed Pad
Exposed pad should be soldered to PCB board and
connected to GND.
Typical Application Circuit
12V
VOUT
Q1
Q2
CIN
RT8101/A
VIN(+3.3V/+5V/+12V)
PSC
BOOT
VCC
PHASE
UGATE
LGATE
FB
GND
1
5
6
3
2
8
4
COUT
LOUT
COMP
RBOOT
RUGATE
R
C
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com