Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8101APSP Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8101APSP
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101APSP Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8101APSP Datasheet HTML 3Page - Richtek Technology Corporation RT8101APSP Datasheet HTML 4Page - Richtek Technology Corporation RT8101APSP Datasheet HTML 5Page - Richtek Technology Corporation RT8101APSP Datasheet HTML 6Page - Richtek Technology Corporation RT8101APSP Datasheet HTML 7Page - Richtek Technology Corporation RT8101APSP Datasheet HTML 8Page - Richtek Technology Corporation RT8101APSP Datasheet HTML 9Page - Richtek Technology Corporation RT8101APSP Datasheet HTML 10Page - Richtek Technology Corporation RT8101APSP Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
RT8101/A
Preliminary
DS8101/A-01 March 2007
www.richtek.com
Dead Time (Rising)
Time (50ns/Div)
UGATE
LGATE
PHASE
VCC = 12V
VIN = 12V
IOUT = 25A
(5V/Div)
Dead Time (Falling)
Time (25ns/Div)
UGATE
LGATE
PHASE
VCC = 12V
VIN = 12V
IOUT= 25A
(5V/Div)
Power On from VCC
Time (5ms/Div)
UGATE
(20V/Div)
VOUT
(2V/Div)
VIN
(10V/Div)
VCC
(10V/Div)
Power Off from VCC
Time (5ms/Div)
UGATE
(20V/Div)
VOUT
(2V/Div)
VIN
(10V/Div)
VCC
(10V/Div)
Power On from VIN
Time (5ms/Div)
UGATE
(20V/Div)
VOUT
(2V/Div)
VIN
(10V/Div)
VCC
(10V/Div)
Power On from VIN
Time (5ms/Div)
UGATE
(20V/Div)
VOUT
(2V/Div)
VIN
(10V/Div)
VCC
(10V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com