Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800GS Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT8800GS
Description  General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800GS Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT8800GS Datasheet HTML 15Page - Richtek Technology Corporation RT8800GS Datasheet HTML 16Page - Richtek Technology Corporation RT8800GS Datasheet HTML 17Page - Richtek Technology Corporation RT8800GS Datasheet HTML 18Page - Richtek Technology Corporation RT8800GS Datasheet HTML 19Page - Richtek Technology Corporation RT8800GS Datasheet HTML 20Page - Richtek Technology Corporation RT8800GS Datasheet HTML 21Page - Richtek Technology Corporation RT8800GS Datasheet HTML 22Page - Richtek Technology Corporation RT8800GS Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
RT8800/B
19
DS8800/B-06
March 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
DAC Offset Voltage Tuning
The Intel specification requires that at no load the nominal
output voltage of the regulator be offset to a value lower
than the nominal voltage corresponding to the VID code.
The offset is tuning from RG in the DAC generator as
Figure 18.
If VID0~6 is set at VSS (Ground), and to suppose that
shunt resistance is Rs.
From below equation, we can tune the value of RG to
increase or decrease the base voltage of VDACQ.
REF
S
F
REF
G
F
DACQ
x V
R
R
x V
)
R
R
(1
V
+
+
=
+
-
V
REF
(0.8V)
VDACFB
OP
VDACQ
RF
RG
VID0
VID1
VID2
VID3
VID4
VID5
R
R
R
R
R
R
Figure 18. The Structure of Discrete DAC Generator
Over Current Protection
OCP comparator co\mpares each inductor current sensed
& sample/hold by current sense circuit with this reference
current(150uA). RT8800/B uses hiccup mode to eliminate
fault detection of OCP or reduce output current when
output is shorted to ground.
Figure 19. The Over Current Protection in the interval
CH1:(5V/Div)
CH2:(5V/Div)
Over Current Protection
Time (25ms/Div)
PWM
IL
Figure 20. Over Current Protection at steady state
CH1:(5V/Div)
CH2:(5V/Div)
Over Current Protection
Time (25ms/Div)
PWM
VSS
Fault Detection
The
“hiccup mode” operation of over current protection
is adopted to reduce the short circuit current. The in-rush
current at the start up is suppressed by the soft start
circuit through clamping the pulse width and output voltage
by an internal slow rising ramp.
Figure 17. Load Droop Circuit
EA
FB
PI
+-
+
-
V
DACQ
V
DRP
2xI
X1
2xI
X2
2xI
X3
I
SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com