Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS00DBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LS00DBRG4
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS00DBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LS00DBRG4 Datasheet HTML 1Page - Texas Instruments SN74LS00DBRG4 Datasheet HTML 2Page - Texas Instruments SN74LS00DBRG4 Datasheet HTML 3Page - Texas Instruments SN74LS00DBRG4 Datasheet HTML 4Page - Texas Instruments SN74LS00DBRG4 Datasheet HTML 5Page - Texas Instruments SN74LS00DBRG4 Datasheet HTML 6Page - Texas Instruments SN74LS00DBRG4 Datasheet HTML 7Page - Texas Instruments SN74LS00DBRG4 Datasheet HTML 8Page - Texas Instruments SN74LS00DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
QUADRUPLE 2INPUT POSITIVENAND GATES
SDLS025B − DECEMBER 1983 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Package Options Include Plastic
Small-Outline (D, NS, PS), Shrink
Small-Outline (DB), and Ceramic Flat (W)
Packages, Ceramic Chip Carriers (FK), and
Standard Plastic (N) and Ceramic (J) DIPs
D Also Available as Dual 2-Input
Positive-NAND Gate in Small-Outline (PS)
Package
SN5400 ...J PACKAGE
SN54LS00, SN54S00 ...J OR W PACKAGE
SN7400, SN74S00 . . . D, N, OR NS PACKAGE
SN74LS00 . . . D, DB, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN5400 ...W PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
VCC
2Y
2A
2B
4Y
4B
4A
GND
3B
3A
3Y
SN74LS00, SN74S00 ...PS PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VCC
2B
2A
2Y
1A
1B
1Y
GND
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54LS00, SN54S00 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
These devices contain four independent 2-input NAND gates. The devices perform the Boolean function
Y = A
• B or Y = A + B in positive logic.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LS00DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS00DBR TI-SN74LS00DBR Datasheet
195Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LS00DBR TI-SN74LS00DBR Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LS00DBR TI1-SN74LS00DBR Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LS00DBR TI1-SN74LS00DBR Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LS00DBR TI-SN74LS00DBR Datasheet
1Mb / 38P
SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
MAY 2017
More results

Similar Description - SN74LS00DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHC00 UTC-U74AHC00_15 Datasheet
181Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com