Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8802APQV Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8802APQV
Description  2/3-Phase PWM Controller for High-Density Power Supply
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8802APQV Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8802APQV Datasheet HTML 17Page - Richtek Technology Corporation RT8802APQV Datasheet HTML 18Page - Richtek Technology Corporation RT8802APQV Datasheet HTML 19Page - Richtek Technology Corporation RT8802APQV Datasheet HTML 20Page - Richtek Technology Corporation RT8802APQV Datasheet HTML 21Page - Richtek Technology Corporation RT8802APQV Datasheet HTML 22Page - Richtek Technology Corporation RT8802APQV Datasheet HTML 23Page - Richtek Technology Corporation RT8802APQV Datasheet HTML 24Page - Richtek Technology Corporation RT8802APQV Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
RT8803A
21
DS8803A-05 August 2007
www.richtek.com
All brandname or trademark belong to their owner respectively
Applications Information
RT8803A is a multi-phase DC/DC controller specifically
designed to deliver high quality power for next generation
CPU. RT8803A controls a special power-on sequence &
monitors the thermal condition of VR module to meet the
VRD11 requirement. Phase currents are sensed by
innovative time-sharing DCR current sensing technique
for channel current balance, droop tuning, and over current
protection. Using one common GM amplifier for current
sensing eliminates offset errors and linearity variation
between GMs. As sub-milli-ohm-grade inductors are
widely used in modern mother boards, slight mismatch
of GM amplifiers offset and linearity results in considerable
current shift between phases. The time-sharing DCR
current sensing technique is extremely important to
guarantee phase current balance in mass production.
Converter Initialization, Phase Selection, and
Power Good Function
The RT8803A initiates only after 3 pins are ready: VDD
pin power on reset (POR), VTT/EN pin enabled, and DVD
pin is higher than 1V. VDD POR is to make sure RT8803A
is powered by a voltage for normal work. The rising
threshold voltage of VDD POR is 4.2V typically. At VDD
POR, RT8803A checks PWM3, PWM4 and PWM5 status
to determine phase number of operation. Pull high PWM3
for two-phase operation; pull high PWM4 for three-phase
operation; pull high PWM5 for four-phase operation. The
unused current sense pins should be connected to GND
or left floating.
VTT/EN acts as a chip enable pin and receives signal from
FSB or other power management IC.
DVD is to make sure that ATX12V is ready for drivers to
work normally. Connect a voltage divider from ATX12V to
DVD pin as shown in the Typical Application Circuit. Make
sure that DVD pin voltage is below its threshold voltage
before drivers are ready and above its threshold voltage
for minimum ATX12V during normal operation.
If any one of VDD, VTT/EN, and DVD is not ready, RT8803A
keeps its PWM outputs high impedance and the
companion drivers turn off both upper and lower
MOSFETs. After VDD, VTT/EN, and DVD are ready,
RT8803A initiates its soft start cycle that is compliant
with Intel®VRD11 specification as shown in Figure 1. A
time-variant internal current source charges the capacitor
connected to SS pin. SS voltage ramps up piecewise
linearly and locks VID_DAC output with a specified voltage
drop. Consequently, VCORE is built up according to
VID_DAC output and meet Intel® VRD11 requirement.
VR_READY output is pulled high by external resistor when
VCORE reaches VID_DAC output with 1~2ms delay. An
SS capacitor about 47nF is recommend for VRD11
compliance.
Voltage Control
CPU VCORE voltage is Kelvin sensed by FB and FBRTN
pins and precisely regulated to VID_DAC output by internal
high gain Error Amplifier (EA). The sensed signal is also
used for power good and over voltage function. The typical
OVP trip point is 170mV above VID_DAC output. RT8803A
pulls PWM outputs low and latches up upon OVP trip to
prevent damaging the CPU. It can only restart by resetting
one of VDD, DVD, or VTT/EN pin.
RT8803A supports Intel VRD10.x, VRD11, AMD K8 and
AMD K8_M2 VID specification.
The change of VID_DAC output at VID on the fly is also
smoothed by capacitor connected to SS pin.
Consequently, Vcore shifts to its new position smoothly
as shown in Figure 2.
Figure 1. Timming Diagram During Soft Start Interval
1~2ms
1~2ms
1~2ms
1~2ms
VR_Ready
V
CORE
SS
1.1V
VDD POR, DVD, and VTT/EN ready
VID on the fly
1~2ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com