Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR014PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRLR014PBF
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR014PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRLR014PBF Datasheet HTML 2Page - International Rectifier IRLR014PBF Datasheet HTML 3Page - International Rectifier IRLR014PBF Datasheet HTML 4Page - International Rectifier IRLR014PBF Datasheet HTML 5Page - International Rectifier IRLR014PBF Datasheet HTML 6Page - International Rectifier IRLR014PBF Datasheet HTML 7Page - International Rectifier IRLR014PBF Datasheet HTML 8Page - International Rectifier IRLR014PBF Datasheet HTML 9Page - International Rectifier IRLR014PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRLR/U014PbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN THE AS S EMB LY LINE "A"
ASSEMBLED ON WW 16, 1999
EXAMPLE :
WITH AS S E MBLY
THIS IS AN IRF R120
LOT CODE 1234
YE AR 9 = 1999
DAT E CODE
WE EK 16
PART NUMBE R
LOGO
INT ERNAT IONAL
RE CT IFIE R
AS S EMB LY
LOT CODE
916A
IRFU120
34
YE AR 9 = 1999
DAT E CODE
OR
P = DES IGNAT ES LE AD-FRE E
PRODUCT (OPTIONAL)
Note: "P" in as sembly line position
indicates "Lead-F ree"
12
34
WE EK 16
A = AS S EMB LY S IT E CODE
PART NUMB ER
IRFU120
LINE A
LOGO
LOT CODE
AS S EMB LY
INT ERNAT IONAL
RE CT IFIE R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com