Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9174PS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9174PS
Description  Triple Linear Regulator Controllers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9174PS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9174PS Datasheet HTML 1Page - Richtek Technology Corporation RT9174PS Datasheet HTML 2Page - Richtek Technology Corporation RT9174PS Datasheet HTML 3Page - Richtek Technology Corporation RT9174PS Datasheet HTML 4Page - Richtek Technology Corporation RT9174PS Datasheet HTML 5Page - Richtek Technology Corporation RT9174PS Datasheet HTML 6Page - Richtek Technology Corporation RT9174PS Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RT9174
Preliminary
2
DS9174-06
March 2007
www.richtek.com
Figure 2. Dual LDOs with V
TTPG
for VRM 8.5 Application
VDD
DRI1
FB1
GND
DRI3
FB3
DRI2
FB2
RT9174
18
7
6
5
4
3
2
C1
1uF
5V
R8
1K
#TYPEDET
D1
3.3V
1N4148
C6
10nF
R2
4.3K
R3
4.99K
V
DDQ
1.5 / 3.3V
C2
1000uF
Q1
3.3V
PHD45N03LT
C1
1uF
12V
R1
5K
R4
250
R5
200
C3
470uF
R9
1K
Q3
Q2
2SD1802
MMBT3904
V
TTPG
3.3V
R11
374
V
TTESL
R6
3K
V
TT
C7
1uF
R12
8.2K
R10
1K
C8
0.01uF
Typical Application Circuit
Figure 1. Triple LDOs with VDDQ for M/B Application
VDDQ = 3.3V if FB1>1.3V
#TYPEDET = 0V to VDDQ = 1.5V
#TYPEDET = Open to VDDQ = 3.3V
VDD
DRI1
FB1
GND
DRI3
FB3
DRI2
FB2
RT9174
18
7
6
5
4
3
2
C1
1uF
5V
R8
1K
#TYPEDET
D1
3.3V
1N4148
C6
10nF
R1
1K
R1
1K
V
DDQ
1.5 / 3.3V
C2
1000uF
Q1
3.3V
PHD45N03LT
C1
1uF
12V
R1
5K
R4
250
R5
200
C3
470uF
Q2
2SD1802
V
O2
1.8V
R6
424
R7
200
C3
470uF
Q3
2SD1802
V
O3
2.5V
3.3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com