Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9182APES Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9182APES
Description  Dual, Low-Noise, 200mA LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182APES Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9182APES Datasheet HTML 1Page - Richtek Technology Corporation RT9182APES Datasheet HTML 2Page - Richtek Technology Corporation RT9182APES Datasheet HTML 3Page - Richtek Technology Corporation RT9182APES Datasheet HTML 4Page - Richtek Technology Corporation RT9182APES Datasheet HTML 5Page - Richtek Technology Corporation RT9182APES Datasheet HTML 6Page - Richtek Technology Corporation RT9182APES Datasheet HTML 7Page - Richtek Technology Corporation RT9182APES Datasheet HTML 8Page - Richtek Technology Corporation RT9182APES Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9182
5
DS9182-17
March 2007
www.richtek.com
Typical Operating Characteristics
Quiescent Current vs. Load Current
0
30
60
90
120
150
180
0
40
80
120
160
200
Load Current (mA)
Both outputs loaded
Quiescent Current vs. Supply Voltage
0
40
80
120
160
200
240
2.53.5
4.55.5
6.5
Supply Voltage (V)
No Load
ILOAD = 100mA,both outputs
Channel-to-Channel Isolation vs. Frequency
0
20
40
60
80
100
120
Frequency (Hz)
RLOAD = 100
Ω
100
1K
10K
100K
1M
Quiescent Current vs. Temperature
0
50
100
150
200
250
300
-45
-25
-5
15
35
55
75
95
Temperature
VIN = 3.6V
(
°C)
Dropout Voltage vs. Temperature
0
50
100
150
200
250
300
-40
-15
10
35
60
85
Temperature
ILOAD = 200mA
(
°C)
Output Voltage Accuracy vs. Temperature
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com