Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9202PS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9202PS
Description  Single Synchronous Buck PWM DC-DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202PS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9202PS Datasheet HTML 6Page - Richtek Technology Corporation RT9202PS Datasheet HTML 7Page - Richtek Technology Corporation RT9202PS Datasheet HTML 8Page - Richtek Technology Corporation RT9202PS Datasheet HTML 9Page - Richtek Technology Corporation RT9202PS Datasheet HTML 10Page - Richtek Technology Corporation RT9202PS Datasheet HTML 11Page - Richtek Technology Corporation RT9202PS Datasheet HTML 12Page - Richtek Technology Corporation RT9202PS Datasheet HTML 13Page - Richtek Technology Corporation RT9202PS Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT9202
13
DS9202-09
March 2007
www.richtek.com
There are two sets of critical components in a DC-DC
converter using the RT9202. The switching power
components are most critical because they switch large
amounts of energy, and as such, they tend to generate
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bypass current.
The power components and the PWM controller should
be placed firstly. Place the input capacitors, especially
the high-frequency ceramic decoupling capacitors, close
to the power switches. Place the output inductor and
output capacitors between the MOSFETs and the load.
Also locate the PWM controller near by MOSFETs.
A multi-layer printed circuit board is recommended.
Figure 10 shows the connections of the critical
components in the converter. Note that the capacitors
CIN and COUT each of them represents numerous
physical capacitors. Use a dedicated grounding plane
and use vias to ground all critical components to this
layer. Apply another solid layer as a power plane and cut
this plane into smaller islands of common voltage levels.
The power plane should support the input power and
output power nodes. Use copper filled polygons on the
top and bottom circuit layers for the PHASE node, but it
is not necessary to oversize this particular island. Since
the PHASE node is subjected to very high dV/dt voltages,
the stray capacitance formed between these island and
the surrounding circuitry will tend to couple switching
noise. Use the remaining printed circuit layers for small
signal routing. The PCB traces between the PWM
controller and the gate of MOSFET and also the traces
connecting source of MOSFETs should be sized to carry
2A peak currents.
Figure 10
LOAD
VCC
GND
RT9202
FB
LGATE
UGATE
IL
IQ1
V
OUT
Q2
Q1
IQ2
5V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com