Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9203GS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9203GS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9203GS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9203GS Datasheet HTML 8Page - Richtek Technology Corporation RT9203GS Datasheet HTML 9Page - Richtek Technology Corporation RT9203GS Datasheet HTML 10Page - Richtek Technology Corporation RT9203GS Datasheet HTML 11Page - Richtek Technology Corporation RT9203GS Datasheet HTML 12Page - Richtek Technology Corporation RT9203GS Datasheet HTML 13Page - Richtek Technology Corporation RT9203GS Datasheet HTML 14Page - Richtek Technology Corporation RT9203GS Datasheet HTML 15Page - Richtek Technology Corporation RT9203GS Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT9203/A
Preliminary
13
DS9203/A-10 March 2007
www.richtek.com
Input / Output Capacitor
High frequency/long life decoupling capacitors should be
placed as close to the power pins of the load as physically
possible. Be careful not to add inductance to the PCB
trace, as it could eliminate the performance from utilizing
these low inductance components. Consult with the
manuf acturer of the load on specific decoupling
requirements.
The output capacitors are necessary for filtering output
and stabilizing the close loop (see the PWM loop stability).
For powering advanced high-speed processors, it is
required to meet fast load transient requirement. Also high
ESR usually induces ripple that may trigger UV or OV
protections. So High frequency capacitors with low ESR/
ESL capacitors are recommended here.
Linear Regulator Driver
The linear controller of RT9203/A was designed to drive an
external bipolar NPN transistor or a MOSFET. For a
MOSFET, normally DRV need to provide minimum
VOUT2+VT+gate-drive voltage to keep VOUT2 as the set
voltage. When driving MOSFET operating at a 5V power
supply, the gate-drive will be limited at 5V. At this situation,
as shown in Figure 7, a MOSFET with low VT threshold
(VT = 1V) and set Vout2 below 2.5V are suggested. In
VBOOT = 12V operation condition, as Figure 8. shown, VCC
is regulated higher than 6V, which providing higher gate-
drive capability for driving the MOSFET, VOUT2 can be set
as VOUT2
≤ 3.3V.
Figure 8
PWM Loop Stability
The RT9203/A is a voltage mode buck controller designed
for 5V step-down applications. The gain of error amplifier
is fixed at 35dB for simplifying design.
The output amplitude of ramp oscillator is 1.6V, the loop
gain and loop pole/zero are calculated as follows:
The RT9203/A Bode plot is as shown in Figure 9. It is
stable in most of application conditions.
Figure 7
Figure 9
π
π
××
×
A
OUT
O
A
O
5
0.8
DC loop gain G = 35dB
1.75V
1
LC filter pole P =
2
LC
Error Amp pole P = 300kHz
1
ESR zero Z =
2 ESRC
Loop
Gain
40
30
20
10
1M
10k
1k
100
100k
V
OUT = 3.3V
C
OUT = 1500µF(33mΩ)
L = 2
µH
V
OUT = 1.5V
V
OUT
= 2.5V
V
OUT
= 3.3V
P
O
= 2.9kHz
Z
O
= 3.2kHz
BOOT
VCC
DRV
FBL
RT9203/A
V
CC
= 5V
R4
R3
Max. 5V
Suggest Low
V
T
MOSFET
V
OUT2
< 2.5V
R4<1K
BOOT
VCC
DRV
FBL
RT9203/A
6V
R4
R3
Max. 6V
Suggest Low
V
T
MOSFET
V
OUT2
< 3.3V
R4<1K
V
BOOT = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com