Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9210PS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9210PS
Description  Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9210PS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9210PS Datasheet HTML 9Page - Richtek Technology Corporation RT9210PS Datasheet HTML 10Page - Richtek Technology Corporation RT9210PS Datasheet HTML 11Page - Richtek Technology Corporation RT9210PS Datasheet HTML 12Page - Richtek Technology Corporation RT9210PS Datasheet HTML 13Page - Richtek Technology Corporation RT9210PS Datasheet HTML 14Page - Richtek Technology Corporation RT9210PS Datasheet HTML 15Page - Richtek Technology Corporation RT9210PS Datasheet HTML 16Page - Richtek Technology Corporation RT9210PS Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RT9210
Preliminary
DS9210-05 March 2007
13
www.richtek.com
Output Capacitor
The output capacitor is required to maintain the DC output
voltage and supply the load transient current. The capacitor
must be selected and placed carefully to yield optimal
results and should be chosen to provide acceptable ripple
on the output voltage.
The key specification for output capacitor is its ESR. Low
ESR capacitors are preferred to keep the output voltage
ripple low. The bulk capacitor's ESR will determine the
output ripple voltage and the initial voltage drop after a
high slew-rate transient. For transient response, a
combination of low value, high frequency and bulk
capacitors placed close to the load will be required. High
frequency decoupling capacitors should be placed as close
to the power pins of the load as possible. In most cases,
multiple electrolytic capacitors of small case size perform
better than a single large case capacitor.
The capacitor value must be high enough to absorb the
inductor's ripple current. The output ripple is calculated
as :
Another concern is high ESR induced output voltage ripple
may trigger UV or OV protections will cause IC shutdown.
MOSFET
The MOSFET should be selected to meet power transfer
requirements is based on maximum drain-source voltage
(VDS), gate-source drive voltage (VGS), maximum output
current, minimum on-resistance (RDS(ON)) and thermal
management.
In high-current applications, the MOSFET power
dissipation, package selection and heatsink are the
dominant design factors. The losses can be divided into
conduction and switching losses.
Conduction losses are related to the on resistance of
MOSFET, and increase with the load current. Switching
losses occur on each ON/OFF transition. The conduction
losses are the largest component of power dissipation for
both the upper and the lower MOSFETs.
For the Buck converter the average inductor current is
equal to the output load current. The conduction loss is
defined as :
PCD (high side switch) = IO2 * RDS(ON) * D
PCD (low side switch) = IO2 * RDS(ON) * (1-D)
The switching loss is more difficult to calculate. The reason
is the effect of the parasitic components and switching
times during the switching procedures such as turn-on /
turn-off delays and rise and fall times. With a linear
approximation, the switching loss can be expressed as :
PSW = 0.5 * VDS(OFF) * I
O * (TRise + TFall) * F
Where
V
DS(OFF) is drain to source voltage at off time,
TRise is rise time,
TFall is fall time,
F is switching frequency.
The total power dissipation in the switching MOSFET can
be calculate as :
PHigh Side Switch =
IO2 * RDS(ON)* D + 0.5 * VDS(OFF)* IO* (TRise + TFall)* F
PLow Side Switch = IO2 * RDS(ON) * (1-D)
In RT9210, the VDDQ only sources current but the VTT
can sink and source current. When sourcing current, the
upper MOSFET supports most of the switching losses.
On the contrary, the lower MOSFET supports most of the
switching losses when VTT is sinking.
Losses while Sourcing Current
PHigh Side Switch = IO2 * R
DS(ON)* D + 0.5 * VDS(OFF)* IO* (TRise
+ TFall)* F
PLow Side Switch = IO2 * RDS(ON) * (1-D)
Losses while Sinking Current
PHigh Side = IO2 * RDS(ON) * D
PLow Side = IO2 * RDS(ON)* (1-D) + 0.5 * VDS(OFF)* IO* (TRise +
TFall)* F
For input voltages of 3.3V and 5V, conduction losses often
dominate switching losses. Therefore, lowering the RDS(ON)
of the MOSFETs always improves efficiency.
ESR
I
V
OUT
OUT
×
Δ
=
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com