Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9212PC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9212PC
Description  Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9212PC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9212PC Datasheet HTML 1Page - Richtek Technology Corporation RT9212PC Datasheet HTML 2Page - Richtek Technology Corporation RT9212PC Datasheet HTML 3Page - Richtek Technology Corporation RT9212PC Datasheet HTML 4Page - Richtek Technology Corporation RT9212PC Datasheet HTML 5Page - Richtek Technology Corporation RT9212PC Datasheet HTML 6Page - Richtek Technology Corporation RT9212PC Datasheet HTML 7Page - Richtek Technology Corporation RT9212PC Datasheet HTML 8Page - Richtek Technology Corporation RT9212PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9212
Preliminary
DS9212-05 March 2007
4
www.richtek.com
Function Block Diagram
MOSFET
upper
the
of
R
40uA
I
DS(ON)
OCSET
OCSET
R
×
=
+
-
Bias
Soft-
Start
1
Control
Logic
Control
Logic
OVP
&
UVP
0.8V
Ref.
Power
Good
Power
on
Reset
300kHz
Oscillator
Zc
Linear
Regulator
Zf
+
-
+
-
+
-
BOOT1
OCSET1/SD
UGATE1
PVCC1
LGATE1
PGND1
PGND2
LGATE2
PHASE2
UGATE2
BOOT2
PHASE1
VCC
FB1
COMP1
PGOOD
FBL
FB2
DRV
Thermal
SHDN
Thermal
SHDN
OC
UV
OV
UV
OV
OC
PWM1
PWM2
180 deg
shift
40uA
OC
POR
OV
UV
137.5%
62.5%
0.8V
FB2
EA
EA
Soft-
Start
2
+
-
OV
UV
POR
OC
40uA
+
+
OCSET2/SD
GNDA
VCC
Thermal
SHDN
PGOOD (Pin 19)
PGOOD is an open-drain output used to indicate that both
the channel 1 and channel 2 regulators are within normal
operating voltage ranges.
OCSET2/SD (Pin 20), OCSET1/SD (Pin 21)
Connect a resistor (ROCSET) from this pin to the drain of
the upper MOSFET of the supply voltage sets the over-
current trip point. ROCSET, an internal 40
μA current source
, and the upper MOSFET on-resistance, (RDS(ON), set the
converter over-current trip point (IOCSET) according to the
following equation:
An over-current trip cycles the soft-start function. Pulling
the pin to ground resets the device and all external
MOSFETs are turned off allowing the two output voltage
power rails to float.
PVCC1 (Pin 22)
Connect this pin to a well-decoupled 5V supply. It is also
the positive supply for the lower gate driver, LGATE1.
LGATE1 (Pin 23)
Channel 1 power gate drive output. Connect to gate of the
low-side power N-Channel MOSFET. This pin is monitored
by the adaptive shoot-through protection circuitry to
determine when the lower MOSFET has turned off.
PGND1 (Pin 24)
Return pin for high currents flowing in low-side power
N-MOSFET. Ties the pin directly to the low-side MOSFET
source and ground plane with the lowest impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com