Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9210PC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9210PC
Description  Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9210PC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9210PC Datasheet HTML 4Page - Richtek Technology Corporation RT9210PC Datasheet HTML 5Page - Richtek Technology Corporation RT9210PC Datasheet HTML 6Page - Richtek Technology Corporation RT9210PC Datasheet HTML 7Page - Richtek Technology Corporation RT9210PC Datasheet HTML 8Page - Richtek Technology Corporation RT9210PC Datasheet HTML 9Page - Richtek Technology Corporation RT9210PC Datasheet HTML 10Page - Richtek Technology Corporation RT9210PC Datasheet HTML 11Page - Richtek Technology Corporation RT9210PC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT9210
Preliminary
DS9210-05 March 2007
8
www.richtek.com
Typical Operating Characteristics
POR ( Start Up)
VDDQ
Time (5ms/Div)
VTT
VCC
1V/Div
OCSET/SD ( Start Up)
V
DDQ
Time (5ms/Div)
V
TT
Vocset/sd
1V/Div
5V/Div
Power Good Rising
Time (5ms/Div)
VCC
PGOOD
VDDQ
5V/Div
5V/Div
2V/Div
Power On
UGATE1
Time (5ms/Div)
VDDQ
VCC
VTT
IDDQ = ITT = 5A
2V/Div
5V/Div
1V/Div
Time (200
μs/Div)
I
DDQ = 10A, ITT = 5A
Power Off
1V/Div
10V/Div
1V/Div
500mV/Div
UGATE
VDDQ
VCC
VTT
Power Good Falling
Time (5ms/Div)
VCC
PGOOD
VDDQ
5V/Div
5V/Div
2V/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com