Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218PS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9218PS
Description  5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218PS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9218PS Datasheet HTML 1Page - Richtek Technology Corporation RT9218PS Datasheet HTML 2Page - Richtek Technology Corporation RT9218PS Datasheet HTML 3Page - Richtek Technology Corporation RT9218PS Datasheet HTML 4Page - Richtek Technology Corporation RT9218PS Datasheet HTML 5Page - Richtek Technology Corporation RT9218PS Datasheet HTML 6Page - Richtek Technology Corporation RT9218PS Datasheet HTML 7Page - Richtek Technology Corporation RT9218PS Datasheet HTML 8Page - Richtek Technology Corporation RT9218PS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RT9218
2
DS9218-08 March 2007
www.richtek.com
Typical Application Circuit
2%)
(0.8V
voltage
reference
Internal
:
V
)
R2
R1
(1
V
LV
)
R6
R5
(1
V
SV
REF
REF
OUT
REF
OUT
±
+
×
=
+
×
=
RT9218
PHASE
OPS
UGATE
BOOT
GND
LGATE
FB
FBL
14
13
11
10
1
2
5
4
NC 8
DRV
6 NC
NC
3
V
CC
12V
PGOOD
VCC
12
Disable
9
LV
OUT
PHASE
7
V
IN
5 to 12V
SV
OUT
PHASE
V
CC
12V
1000uF x 2
1uF x 2
1uF
0.1uF
1N4148
3904
R
OCSET
1000uF x 2
32R
68R
1k/NC
0.1uF/NC
8k
4k
470uF
2.2uH
1uF
10R
C7
C1 to C2
C3 to C4
Q1
MU
Q2
ML
C5 to C6
L1
Q3
D1
C8
C9
R1
R2
R3
C10
C11
R4
R5
R6
Q4
2.2
R
BOOT
2.2
R
UGATE
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com