Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9232GS Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9232GS
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232GS Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9232GS Datasheet HTML 6Page - Richtek Technology Corporation RT9232GS Datasheet HTML 7Page - Richtek Technology Corporation RT9232GS Datasheet HTML 8Page - Richtek Technology Corporation RT9232GS Datasheet HTML 9Page - Richtek Technology Corporation RT9232GS Datasheet HTML 10Page - Richtek Technology Corporation RT9232GS Datasheet HTML 11Page - Richtek Technology Corporation RT9232GS Datasheet HTML 12Page - Richtek Technology Corporation RT9232GS Datasheet HTML 13Page - Richtek Technology Corporation RT9232GS Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RT9232
12
DS9232-06 March 2007
www.richtek.com
Feedback Loop Design Procedure
Use these guidelines for locating the poles and zeros of
the compensation network:
1. Pick Gain (R2/R1) for desired 0dB crossing frequency
(FC).
2. Place 1ST zero FZ1 below modulator double pole FLC
(~75% FLC).
3. Place 2ND zero FZ2 at modulator double pole FLC.
4. Place 1ST pole FZ1 at the ESR zero FZ_ESR
5. Place 2ND pole FZ2 at half the switching frequency.
6. Check gain against error amplifier open-loop gain.
7. Pick RFB for desired output voltage.
8. Estimate phase margin and repeat if necessary.
Layout Consideration
Layout is very important in high frequency switching
converter design. If designed improperly, the PCB could
radiate excessive noise and contribute to the converter
instability. First, place the PWM power stage components.
Mount all the power components and connections in the
top layer with wide copper areas. The MOSFETs of Buck,
inductor, and output capacitor should be as close to each
other as possible. This can reduce the radiation of EMI
due to the high frequency current loop. If the output
capacitors are placed in parallel to reduce the ESR of
capacitor, equal sharing ripple current should be
considered. Place the input capacitor directly to the drain
Figure 5
C1
x
R2
x
2
1
FZ1
π
=
(12)
(13)
C3
x
R3)
(R1
x
2
1
FZ2
+
=
π
(14)
C2
C1
C2
x
C1
x
R2
x
2
1
FP1
+
=
π
(15)
C3
x
R3
x
2
1
FP2
π
=
-
+
+
-
OSC
ΔV
OSC
Z
FB
Z
IN
V
IN
Driver
Driver
REF
PWM
Comparator
V
E/A
EA
+
-
REF
EA
Z
FB
Z
IN
V
OUT
FB
COMP
C1
C2
C3
R1
R2
R3
ESR
PHASE
C
OUT
V
OUT
L
Figure 4
The compensation network consists of the error amplifier
EA and the impedance networks ZIN and ZFB. The goal of
the compensation network is to provide a closed loop
transfer function with the highest DC gain, the highest
0dB crossing frequency (FC) and adequate phase margin.
Typically, FC in range 1/5~1/10 of switching frequency is
adequate. The higher FC is, the faster dynamic response
is. A phase margin in the range of 45
°C~ 60°C is desirable.
The equations below relate the compensation network’s
poles, zeros and gain to the components (R1, R2, R3,
C1, C2, and C3) in Figure 4.
10
100
1K
10K
100K
1M
10M
-60
-40
-20
0
20
40
60
80
100
Modulator
Gain
F
LC
F
ESR
Closed Loop Gain
Compensation
Gain
Open Loop Error
AMP Gain
20LOG
(VIN/ΔVOSC)
20LOG
(R1/R2)
F
Z1 FZ2
F
P1
F
P2
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com