Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9244 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9244
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9244 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9244 Datasheet HTML 7Page - Richtek Technology Corporation RT9244 Datasheet HTML 8Page - Richtek Technology Corporation RT9244 Datasheet HTML 9Page - Richtek Technology Corporation RT9244 Datasheet HTML 10Page - Richtek Technology Corporation RT9244 Datasheet HTML 11Page - Richtek Technology Corporation RT9244 Datasheet HTML 12Page - Richtek Technology Corporation RT9244 Datasheet HTML 13Page - Richtek Technology Corporation RT9244 Datasheet HTML 14Page - Richtek Technology Corporation RT9244 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9244
13
DS9244-06 March 2007
www.richtek.com
Layout Guide
Place the high-power switching components first, and separate them from sensitive nodes.
1. Most critical path: the current sense circuit is the most sensitive part of the converter. The current sense
resistors tied to ISP1,2,3,4 and ISN1,2,3,4 should be located not more than 0.5 inch from the IC and away
from the noise switching nodes. The PCB trace of sense nodes should be parallel and as short as possible.
Kelvin connection of the sense component (additional sense resistor or MOSFET RDS(ON)) ensures the accurate
stable current sensing.
Keep well Kelvin sense to ensure the stable operation!
2. Switching ripple current path:
a. Input capacitor to high side MOSFET.
b. Low side MOSFET to output capacitor.
c. The return path of input and output capacitor.
d. Separate the power and signal GND.
e. The switching nodes (the connection node of high/low side MOSFET and inductor) is the most noisy points.
Keep them away from sensitive small-signal node.
f. Reduce parasitic R, L by minimum length, enough copper thickness and avoiding of via.
3. MOSFET driver should be closed to MOSFET.
4. The compensation, bypass and other function setting components should be near the IC and away from the noisy
power path.
Figure 7. Power Stage Ripple Current Path
SW2
L2
SW1
L1
C
OUT
R
L
V
OUT
V
IN
R
IN
C
IN
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com