Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9245GC Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9245GC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245GC Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9245GC Datasheet HTML 14Page - Richtek Technology Corporation RT9245GC Datasheet HTML 15Page - Richtek Technology Corporation RT9245GC Datasheet HTML 16Page - Richtek Technology Corporation RT9245GC Datasheet HTML 17Page - Richtek Technology Corporation RT9245GC Datasheet HTML 18Page - Richtek Technology Corporation RT9245GC Datasheet HTML 19Page - Richtek Technology Corporation RT9245GC Datasheet HTML 20Page - Richtek Technology Corporation RT9245GC Datasheet HTML 21Page - Richtek Technology Corporation RT9245GC Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
RT9245
21
DS9245-06
March 2007
www.richtek.com
Figure 31. Layout of power stage
P1
P1
P1
P1
P2
P2
P2
P2
Driver
M1
M2
M3
Driver
M4
M5
M6
55
°C
58
°C
58
°C
56
°C
56
°C
60
°C
60
°C
60
°C
P3
P3
P3
P3
P4
P4
P4
P4
Driver
M7
M8
M9
Driver
M10
M11
M12
55
°C
64
°C
64
°C
65
°C
59
°C
69
°C
66
°C
61
°C
Note: VIN= 10.835V; IIN = 10.6A; VOUT = 1.2127V; IOUT = 80A;
=84.47%
η
Test Conditions :
VIN : 12V
VOUT : 1.300V
FSW : 200kHz
IOUT : 80A
Phase Number : 4 Phases
U-MOSFET : IR3707 x 1 (9.5m
Ω x 9.6nC)
L-MOSFET : IR8113 x 2 (6.0m
Ω x 22nC)
L : 1.5uH
DCR : 1m
CIN : 1000uF x 8
COUT : 1000uF x 8
Snubber : 2R2+3.3nF
Air Speed : Using MAGIC MGA8012HS FAN with 5VDC drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com