Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9245CPC Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9245CPC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245CPC Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9245CPC Datasheet HTML 17Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 18Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 19Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 20Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 21Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 22Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 23Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 24Page - Richtek Technology Corporation RT9245CPC Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RT9245C
21
DS9245C-02
March 2007
www.richtek.com
Figure 29. The Frequency Response with No Load
1. Compensation Setting
a. Modulator Gain, Pole and Zero :
From the following formula :
Modulator Gain = VIN/VRAMP = 12/1.9 = 6.3 (i.e 16dB)
where VRAMP : Ramp amplitude of saw-tooth wave
LC Filter Pole = 3.88kHz and
ESR Zero = 28kHz
b. EA Compensation Network :
Select RB1 = 1.5k, RB2 = 15k, C1 = 2.7nF, C2 = 5.6pF,
C3 = 680pF and use the Type 3 compensation scheme
shown in Figure 28. By calculation.
Figure 28. Type 3 compensation network of EA
EA
RB2
RB1
+
-
15k
C1
2.7nF
C2 5.6pF
1.5k
C3 680pF
⇒
The over all loop gain with load is shown in Figure 29 to
Figure 31.
2. Over-Current Protection Setting
Consider the tem perature coeff icient of copper
3900ppm/
°C,
RIMAX = 8.9k
Ω
3. Soft-Start Capacitor Selection
For most application cases, 0.1
µF is a good engineering
value.
Ω
Ω
×
×
⇔
×
×
×
⇔
×
330
1.39m
40A
3
1
R
1V
2
1
R
DCR
I
3
1
R
V
2
1
IMAX
CSN
L
IMAX
IMAX
20dB)
(i.e.
10
Gain
Band
Middle
5.8kHz
(C2//C1)
x
RB2
x
2
1
F
3.9kHz
C1
x
RB2
x
2
1
F
156kHz
C3
x
RB1
x
2
1
F
P
Z2
Z1
=
=
=
=
=
=
=
π
π
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com