Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9247PC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9247PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9247PC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9247PC Datasheet HTML 1Page - Richtek Technology Corporation RT9247PC Datasheet HTML 2Page - Richtek Technology Corporation RT9247PC Datasheet HTML 3Page - Richtek Technology Corporation RT9247PC Datasheet HTML 4Page - Richtek Technology Corporation RT9247PC Datasheet HTML 5Page - Richtek Technology Corporation RT9247PC Datasheet HTML 6Page - Richtek Technology Corporation RT9247PC Datasheet HTML 7Page - Richtek Technology Corporation RT9247PC Datasheet HTML 8Page - Richtek Technology Corporation RT9247PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9247
Preliminary
3
DS9247-05
March 2007
www.richtek.com
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4),
VID0 (Pin 5) & VID125 (Pin 6)
DAC voltage identification inputs. These pins are internally
pulled to 3.3V if left open.
SGND (Pin 7)
VCORE differential sense negative input.
FB (Pin 8)
Inverting input of the internal error amplifier.
COMP (Pin 9)
Output of the error amplifier and input of the PWM
comparator.
PGOOD (Pin 10)
Power good open-drain output.
DVD (Pin 11)
Programmable power UVLO detection or converter enable
input.
SS (Pin 12)
Connect this SS pin to GND with a capacitor to set the
soft-start time interval.
RT (Pin 13)
Switching frequency setting. Connect this pin to GND with
a resistor to set the frequency.
VOSS (Pin 14)
VCORE initial value offset. Connect this pin to GND with a
resistor to set the offset value.
IMAX (Pin 15)
Over-Current protection set.
VSEN (Pin 16)
VCORE differential sense positive input.
VDIF (Pin 17)
VCORE differential sense output.
ADJ (Pin 18)
Current sense output for active droop adjust. Connect a
resistor from this pin to GND to set the load droop.
GND (Pin 19)
IC ground.
ISN23 (Pin 20)
RDS(ON) current sense inputs from converter 2
nd & 3rd phase
channel sense components' GND node.
ISP1 (Pin 23), ISP2 (Pin 22), ISP3 (Pin 21)
RDS(ON) current sense inputs for individual converter
channels. Tie this pin to the component's sense node.
ISN1 (Pin 24)
RDS(ON) current sense inputs from converter 1
st channel
sense component's GND node.
PWM1 (Pin 27), PWM2 (Pin 26), PWM3 (Pin 25)
PWM outputs for each driven channel. Connect these pins
to the PWM input of the MOSFET driver. For systems
which use 2 channels, connect PWM3 high.
VCC (Pin 28)
IC power supply. Connect this pin to a 5V supply.
Functional Pin Description
(k
Ω)
Frequency vs. RRT
0
50
100
150
200
250
300
350
400
450
0
10
20304050
6070
RRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com