Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9259PS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9259PS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259PS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9259PS Datasheet HTML 7Page - Richtek Technology Corporation RT9259PS Datasheet HTML 8Page - Richtek Technology Corporation RT9259PS Datasheet HTML 9Page - Richtek Technology Corporation RT9259PS Datasheet HTML 10Page - Richtek Technology Corporation RT9259PS Datasheet HTML 11Page - Richtek Technology Corporation RT9259PS Datasheet HTML 12Page - Richtek Technology Corporation RT9259PS Datasheet HTML 13Page - Richtek Technology Corporation RT9259PS Datasheet HTML 14Page - Richtek Technology Corporation RT9259PS Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9259
13
DS9259-03T00
August 2007
www.richtek.com
Outline Dimension
A
B
F
J
D
C
I
H
M
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
8.534
8.738
0.336
0.344
B
3.810
3.988
0.150
0.157
C
1.346
1.753
0.053
0.069
D
0.330
0.508
0.013
0.020
F
1.194
1.346
0.047
0.053
H
0.178
0.254
0.007
0.010
I
0.102
0.254
0.004
0.010
J
5.791
6.198
0.228
0.244
M
0.406
1.270
0.016
0.050
14
–Lead SOP Plastic Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com