Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9261 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9261
Description  VFM Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9261 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9261 Datasheet HTML 1Page - Richtek Technology Corporation RT9261 Datasheet HTML 2Page - Richtek Technology Corporation RT9261 Datasheet HTML 3Page - Richtek Technology Corporation RT9261 Datasheet HTML 4Page - Richtek Technology Corporation RT9261 Datasheet HTML 5Page - Richtek Technology Corporation RT9261 Datasheet HTML 6Page - Richtek Technology Corporation RT9261 Datasheet HTML 7Page - Richtek Technology Corporation RT9261 Datasheet HTML 8Page - Richtek Technology Corporation RT9261 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9261/A
Preliminary
1
DS9261/A-12 March 2007
www.richtek.com
Pin Configurations
VFM Step-Up DC/DC Converter
Ordering Information
General Description
The RT9261 Series are VFM Step-up DC/DC ICs with ultra
low supply current by CMOS process and suitable for
use with battery-powered instruments.
The RT9261 IC consists of an oscillator, a VFM control
circuit, a driver transistor (LX switch), a reference voltage
unit, an error amplifier, resistors for voltage detection, and
a LX switch protection circuit. A low ripple and high
efficiency step-up DC/DC converter can be constructed of
this RT9261 IC with only three external components.
The RT9261A IC provides with a drive pin (EXT) for an
external transistor, so that a power transistor can be
externally applied. Therefore, the RT9261A IC is
recommended for applications where large currents are
required. EN pin enables circuit to set the standby supply
current at a maximum of 0.5
μA.
Features
Minimal Number of External Components ( Only
an Inductor, a Diode, and a Capacitor)
Ultra Low Input Current ( 5
μμμμμA at Switch Off)
± 2% High Output Voltage Accuracy
Low Ripple and Low Noise
Low Start-up Voltage, 0.85V at 1mA
75% Efficiency with Low Cost Inductor
+50 ppm/
°°°°°C Low Temperature-Drift
SOT-89 and SOT-23-5 Small Packages
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Power source for battery-powered equipment
Power source for cameras, camcorders, VCRs, PDAs,
pagers, electronic data banks, and hand-held
communication equipment
Power source for applications, which require higher
voltage than that of batteries used in the appliances
(TOP VIEW)
SOT-89
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
GND VOUT
(TAB)
LX
12
3
RT9261-
CX
GND VOUT
(TAB)
EXT
12
3
RT9261A-
CX
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
RT9261/A-
Package Type
B : SOT-23-5
X : SOT-89
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
15 : 1.5V
16 : 1.6V
:
49 : 4.9V
50 : 5.0V
Use external switch
Use internal switch


Similar Part No. - RT9261

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15CB RICHTEK-RT9261-15CB Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15CX RICHTEK-RT9261-15CX Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-16CB RICHTEK-RT9261-16CB Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-16CX RICHTEK-RT9261-16CX Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
More results

Similar Description - RT9261

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
VFM STEP-UP DC/DC CONVERTER?
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
VFM STEP-UP DC/DC CONVERTER CONTROLLER?
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
VFM Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com