Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9262GS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9262GS
Description  High Efficiency, Low Supply Current, Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262GS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9262GS Datasheet HTML 2Page - Richtek Technology Corporation RT9262GS Datasheet HTML 3Page - Richtek Technology Corporation RT9262GS Datasheet HTML 4Page - Richtek Technology Corporation RT9262GS Datasheet HTML 5Page - Richtek Technology Corporation RT9262GS Datasheet HTML 6Page - Richtek Technology Corporation RT9262GS Datasheet HTML 7Page - Richtek Technology Corporation RT9262GS Datasheet HTML 8Page - Richtek Technology Corporation RT9262GS Datasheet HTML 9Page - Richtek Technology Corporation RT9262GS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9262/A
Preliminary
7
DS9262/A-11 March 2007
www.richtek.com
Typical Operating Characteristics
Efficiency
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 3.3V; TA = 25°C
VIN = 3.0V
2.5V
2.0V
1.5V
1.2V
1.0V
Refet to Application Circuit Figure 1 and Figure 2
Efficiency
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 5.0V; TA = 25°C
VIN = 4.0V
3.0V
2.0V
1.5V
1.2V
1.0V
Refet to Application Circuit Figure 1 and Figure 2
No Load Current
0
20
40
60
80
100
120
140
11.2
1.5
2
2.5
3
4
Input Voltage (V)
Refet to Application Circuit Figure 1 and Figure 2
VOUT = 5.0V; TA = 25°C
No Load Current
0
10
20
30
40
50
60
70
80
90
1
1.2
1.5
2
2.5
3
Input Voltage (V)
Refet to Application Circuit Figure 1 and Figure 2
VOUT = 3.3V; TA = 25°C
Start Up Voltage
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
025
50
75
100
ILOAD (mA)
Refet to Application Circuit Figure 1 and Figure 2
VOUT = 5.0V; TA = 25°C
Start Up Voltage
0.8
0.9
1.0
1.1
1.2
1.3
1.4
020
40
60
80
100
ILOAD (mA)
Refet to Application Circuit Figure 1 and Figure 2
VOUT = 3.3V; TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com