Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9271PE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9271PE
Description  White LED Step-Up Converter in Tiny Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9271PE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9271PE Datasheet HTML 1Page - Richtek Technology Corporation RT9271PE Datasheet HTML 2Page - Richtek Technology Corporation RT9271PE Datasheet HTML 3Page - Richtek Technology Corporation RT9271PE Datasheet HTML 4Page - Richtek Technology Corporation RT9271PE Datasheet HTML 5Page - Richtek Technology Corporation RT9271PE Datasheet HTML 6Page - Richtek Technology Corporation RT9271PE Datasheet HTML 7Page - Richtek Technology Corporation RT9271PE Datasheet HTML 8Page - Richtek Technology Corporation RT9271PE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9271
2
DS9271-13 March 2007
www.richtek.com
Note : 1. D1 is Schottky diode (SS0520).
2. D2 ~ D4 are the WLED (HT-S91CW-DT) of HARVATEK.
3. LX is the SH4018 series of ABC TAIWAN ELECTRONICS CORP.
Recommended Circuits for Driving LEDs
Figure 1 to Figure 3 illustrates the recommended application circuits for driving white LEDs. The series connected LEDs
are driven with identical current to emit uniform luminescence, and the 250mV low reference voltage can minimize the
efficiency loss across the current-sensing resistor. The recommended current setting for driving white LEDs is 10mA to
20mA, and the dimming control can be implemented by toggling EN pin with 60Hz to 1kHz PWM clock. Please refer to
application notes for guidance of component selection and board layout.
Figure 3. RT9271 Drivers 3 Series WLEDs Application Circuit
Figure 2. RT9271 Drivers 2 Series WLEDs Application Circuit
VCC
EN
GND
LX
FB
Dimming
Control
C1
1uF
C3
1uF
D1
SS0520
LX
10uH
R2
12
OVP
D2
D3
V
IN
2.4 to 5V
VCC
EN
GND
LX
FB
Dimming
Control
C1
1uF
C3
1uF
D1
SS0520
LX
10uH
R2
12
OVP
D2
D4
D3
V
IN
2.4 to 6V
Typical AppIication Circuit
Figure 1. RT9271 Drivers 1 WLEDApplication Circuit
VCC
EN
GND
LX
FB
Dimming
Control
C1
1uF
C3
1uF
D1
SS0520
LX
10uH
D2
R2
12
OVP
V
IN
2.4 to 3.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com