Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9302 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9302
Description  60mA 3-Channel Pulse Dimming Current Source LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9302 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9302 Datasheet HTML 1Page - Richtek Technology Corporation RT9302 Datasheet HTML 2Page - Richtek Technology Corporation RT9302 Datasheet HTML 3Page - Richtek Technology Corporation RT9302 Datasheet HTML 4Page - Richtek Technology Corporation RT9302 Datasheet HTML 5Page - Richtek Technology Corporation RT9302 Datasheet HTML 6Page - Richtek Technology Corporation RT9302 Datasheet HTML 7Page - Richtek Technology Corporation RT9302 Datasheet HTML 8Page - Richtek Technology Corporation RT9302 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9302
2
DS9302-02
March 2007
www.richtek.com
Typical Application Circuit
Figure 1. For 3-WLEDs Application Circuit
Figure 2. For 2-WLEDs Application Circuit
Figure 3. Brightness control by pulse dimming. RT9302 implements 16 steps brightness control
0.5us < t
LO < 10us
0.5us < t
HI
20us < t
SHDN
15/16
14/16 13/16
12/16
3/16
1/16
2/16
100%
100%
15/16
0
123
45
14
15
01
EN
I
LEDx
Shutdown
Shutdown
VIN
LED3
RT9302
GND
C
IN
4.7uF
LED1
LED2
EN
V
IN
2.8 to 5.5V
3
7
8
1
4
6
VIN
LED3
RT9302
GND
C
IN
4.7uF
LED1
LED2
EN
V
IN
2.8 to 5.5V
3
7
8
1
4
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com