Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT7601F Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AT7601F
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601F Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AT7601F Datasheet HTML 9Page - Analog Microelectronics AT7601F Datasheet HTML 10Page - Analog Microelectronics AT7601F Datasheet HTML 11Page - Analog Microelectronics AT7601F Datasheet HTML 12Page - Analog Microelectronics AT7601F Datasheet HTML 13Page - Analog Microelectronics AT7601F Datasheet HTML 14Page - Analog Microelectronics AT7601F Datasheet HTML 15Page - Analog Microelectronics AT7601F Datasheet HTML 16Page - Analog Microelectronics AT7601F Datasheet HTML 17Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AME, Inc.
13
AT7601F
Printer Port Controller
Rev. B.02
* Registers are in all modes.
** All FIFOs use one common 16-byte FIFO.
5-3-1.1 Data and ECP- AFIFO Port
ADDRESS OFFSET = 400H
Modes 000 and 001 (Data Port)
The Data Port is located at an offset of '00H'from the base address. The data register is cleared at
initialization by RESET. During a WRITE operation, the Data Register latches the contents of the data
bus on the rising edge of the IOW# input. The contents of this register are buffered (non inverting) and
output onto the PD0-PD7 ports. During a READ operation, PD0-PD7 ports are read and output to the
host CPU.
Mode 011 (ECP FIFO-Address/RLE)
A data byte written to this address is placed in the FIFO and tagged as an ECP Address/RLE. The
hardware at the ECP port transmits this byte to the peripheral automatically. The operation of this
register is only defined for the forward direction (direction is 0). Refer to the ECP Parallel Port Forward
Timing Diagram, located in the Timing Diagrams section of this data sheet.
D7
D6
D5
D4
D3
D2
D1
D0
NOTE
Data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
ECP-AFIFO
Addr/RLE
**
DSR
BUSY#
ACK#
PError
SLCT
Fault#
1
1
1
*
DCR
1
1
PDIR
AckIntEn
SLIN
INIT#
AFD
STB
*
C-FIFO
**
ECP-DFIFO
**
T-FIFO
**
Cnfg-A
0
0
0
1
0
0
0
0
Cnfg-B
Compress
IntrValue
IRQ
IRQ
IRQ
DMA
DMA
DMA
ECR
ErrIntrEn#
DMA
En/Dis
Service
Intr
FIFO
Full
FIFO
EMPTY
MODE
Test FIFO
Address or RLE field
Table 10. Parallel Port and ECP Registers
Parallel Port Data FIFO
ECP Data FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com