Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT7601FG Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AT7601FG
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601FG Datasheet(HTML) 2 Page - Analog Microelectronics

  AT7601FG Datasheet HTML 1Page - Analog Microelectronics AT7601FG Datasheet HTML 2Page - Analog Microelectronics AT7601FG Datasheet HTML 3Page - Analog Microelectronics AT7601FG Datasheet HTML 4Page - Analog Microelectronics AT7601FG Datasheet HTML 5Page - Analog Microelectronics AT7601FG Datasheet HTML 6Page - Analog Microelectronics AT7601FG Datasheet HTML 7Page - Analog Microelectronics AT7601FG Datasheet HTML 8Page - Analog Microelectronics AT7601FG Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
AME, Inc.
2
Printer Port Cotroller
AT7601F
Rev. B.02
4. Pin Description
I - TTL level input
O12 - Out buffer with 12mA drive/sink current
OD12
- Open-drain with 12mA sink current
ICLK - Clock Input
OCLK - Clock Output
Pin No.
Pin name
I/O Type
Function
2
AEN
I
DMA Address Enable: active high, DMA controller has control of the
address bus.
3
IOCHRDY
OD12
I/O channel Ready: active High
4 - 11
DB [0: 7]
I/O12
Data Bus: bi-direction data port
13
DACK#
I
DMA Acknowledge: Active low
14
DRQ
O12
DMA Request: Active high
15
TC
I
Terminal count:
16
XTAL1/CLKIN
ICLK
Crystal oscillator input,
17
XTAL2
OCLK
Crystal oscillator output,
18
RESET
I
System Reset: active high
25, 35
NC
40
PS/PDIR
I
O12
Power on strapping
Printer Port Direction Indicator
41
PINT
OD12/O12
Print Interrupt
42-44
A [0: 2]
I
Address select line 0 - 2
45
CS2# /A10
I
A10: Address select line 10
Chip Select 2: active low, enables the parallel port / CPU data
transfer operation
46
CS1#
I
Chip Select 1: active low, enables the parallel port / CPU data
transfer operation
48
IOW#
I
I/O write: active low
1
IOR#
I
I/O read: active low
Table 1. Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com